công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

908E625 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện 908E625
Giải thích chi tiết về linh kiện  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  908E625 Datasheet HTML 1Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
908E625
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 908E625 Terminal Connections (Transparent Package Top View)
Table 1. 908E625 Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 15.
Terminal
Function
Terminal
Terminal Name
Formal Name
Definition
MCU
1
2
6
7
8
11
PTB7/AD7/TBCH1
PTB6/AD6/TBCH0
PTB5/AD5
PTB4/AD4
PTB3/AD3
PTB1/AD1
Port B I/Os
These terminals are special-function, bidirectional I/O port
terminals that are shared with other functional modules in the
MCU.
MCU
3
4
5
PTC4/OSC1
PTC3/OSC2
PTC2/MCLK
Port C I/Os
These terminals are special-function, bidirectional I/O port
terminals that are shared with other functional modules in the
MCU.
MCU
9
IRQ
External Interrupt Input This terminal is an asynchronous external interrupt input
terminal.
MCU
10
RST
External Reset
This terminal is bidirectional, allowing a reset of the entire
system. It is driven low when any internal reset source is
asserted.
MCU
12
13
PTD0/TACH0/BEMF
PTD1/TACH1
Port D I/Os
These terminals are special-function, bidirectional I/O port
terminals that are shared with other functional modules in the
MCU.
14, 21, 22, 33
NC
No Connect
Not connected.
PTA0/KBD0
PTA1/KBD1
PTA2/KBD2
PTA3/KBD3
PTA4/KBD4
VREFH
VDDA
EVDD
EVSS
VSSA
VREFL
PTE1/RXD
RXD
VSS
PA1
VDD
H1
H2
H3
HVDD
NC
HB4
VSUP3
GND2
HB3
HS
FLSVPP
PTB7/AD7/TBCH1
PTB6/AD6/TBCH0
PTC4/OSC1
PTC3/OSC2
PTC2/MCLK
PTB5/AD5
PTB4/AD4
PTB3/AD3
IRQ
RST
PTB1/AD1
PTD0/TACH0/BEMF
PTD1/TACH1
NC
FGEN
BEMF
RST_A
IRQ_A
SS
LIN
NC
NC
HB1
VSUP1
GND1
HB2
VSUP2
1
11
12
13
14
15
16
17
18
19
20
9
10
21
22
23
24
25
26
27
6
7
8
4
5
2
3
54
44
43
42
41
40
39
38
37
36
35
46
45
34
33
32
31
30
29
28
49
48
47
51
50
53
52
Exposed
Pad


Số phần tương tự - 908E625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Mô tả tương tự - 908E625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com