công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9898KCP-20 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD9898KCP-20
Giải thích chi tiết về linh kiện  CCD Signal Processor with Precision Timing??Generator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9898KCP-20 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD9898KCP-20 Datasheet HTML 6Page - Analog Devices AD9898KCP-20 Datasheet HTML 7Page - Analog Devices AD9898KCP-20 Datasheet HTML 8Page - Analog Devices AD9898KCP-20 Datasheet HTML 9Page - Analog Devices AD9898KCP-20 Datasheet HTML 10Page - Analog Devices AD9898KCP-20 Datasheet HTML 11Page - Analog Devices AD9898KCP-20 Datasheet HTML 12Page - Analog Devices AD9898KCP-20 Datasheet HTML 13Page - Analog Devices AD9898KCP-20 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
REV. 0
–10–
AD9898
Table I. Control Register Address Map (Register Names Are Subject to Change)
Bit
Default
Register
Address
Content
Width
Value
Name
Register Description
00
(23:0)
23
000000
SW_RESET
Software Reset = 000000. (Reset all registers to default.)
01
(23:21)
3
0
Unused
20
1
0
Unused. Test Mode. Should be set = 0.
(19:18)
2
1
Unused
17
1
1
HBLKMASK
Masking Polarity for H1 during blanking period (0 = Low, 1 = High)
16
1
0
SYNCPOL
External SYNC Active Polarity (0 = Active Low)
(15:14)
2
0
Unused
13
1
0
SUBCKMODE_HP
High Precision Shutter Mode Operation (0 = Single Pulse, 1 = Multiple
Pulse)
12
1
0
SUBCKSUPPRESS
Suppress First SUBCK after Last VSG Line Pulse (0 = No Suppression,
1 = Suppression of 1 SUBCK)
(11:10)
2
0
Unused
(9:8)
2
0
MSHUTPAT
Selects MSHUT Pattern (See Figure 44) (0 = MSHUTPAT0,
1 = MSHUTPAT1, 2 = MSHUTPAT2, 3 = MSHUTPAT3)
71
0
MSHUT/VGATE_EN
MSHUT Masking of VGATE Input (0 = MSHUT does not mask
VGATE, 1 = MSHUT does mask VGATE)
61
0
MSHUT/SUBCK_EN
MSHUT Masking of SUBCK (0 = MSHUT does not mask SUBCK,
1 = MSHUT does mask SUBCK)
51
1
CLP_CONT
CLPOB Control (0 = CLPOB OFF, 1 = CLPOB ON)
41
1
CLP_MODE
CLPOB CCD Region Control (See Table XII)
(3:1)
3
0
Unused
01
0
VDMODE
VD Synchronous/Asynchronous Mode Setting (0 = VD Synchronous,
1 = VD Asynchronous)
02
(23:22)
2
0
Unused
(21:16)
6
0x34
SHDLOC
SHD Sample Location
(15:14)
2
0
Unused
(13:8)
6
0x18
SHPLOC
SHP Sample Location
(7:6)
2
0
DCLKPHASE
DCLK Pulse Adjustment
(5:0)
6
0x0B
DOUTPHASE
Data Output [9:0] Phase Adjustment
03
(23:17)
7
0x00
Unused
16
1
0
H1BLKRETIME
Retimes the H1 HBLK to Internal Clock
(15:14)
2
0
Unused
(13:8)
6
0x00
H1POSLOC
H1 Positive Edge Location
(7:6)
2
0
Unused
(5:0)
6
0x10
RGNEGLOC
RG Negative Edge Location
04
(23:22)
2
0
Unused
(21:16)
6
0x20
REFBLACK
Black Clamp Level
(14:12)
3
5
H2DRV
H2 Drive Strength (0 = Off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA)
11
1
0
Unused
(10:8)
3
5
H1DRV
H1 Drive Strength (0 = Off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA,
4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA)
(7:3)
5
0x00
Unused
(2:0)
3
2
RGDRV
RG Drive Strength (0 = Off, 1 = 2.15 mA, 2 = 4.2 mA, 3 = 6.45 mA,
4 = 8.6 mA, 5 = 10.75 mA, 6 = 12.9 mA, 7 = 15.05 mA)
05
(23:10)
14
0x0000
Unused
91
0
AFESTBY
AFE Standby (0 = Standby , 1 = Normal Operation)
81
0
DIGSTBY
Digital Standby (0 = Standby , 1 = Normal Operation)
(7:2)
6
00
Unused
11
0
OUTCONT_REG
Internal OUTCONT Signal Control (0 = Digital Outputs held at fixed
dc level, 1 = Normal Operation)
01
1
OUTCONT_ENB
External OUTCONT Signal Input Pin 43 Control (0 = Pin Enabled,
1 = Pin Disabled)


Số phần tương tự - AD9898KCP-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
More results

Mô tả tương tự - AD9898KCP-20

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com