công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT8952DWRE4 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN74ABT8952DWRE4 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 29 page SN54ABT8952, SN74ABT8952 SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS SCBS121D – AUGUST 1992 – REVISED JULY 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL NAME DESCRIPTION A1–A8 Normal-function A-bus I/O ports. See function table for normal-mode logic. B1–B8 Normal-function B-bus I/O ports. See function table for normal-mode logic. CLKAB, CLKBA Normal-function clock inputs. See function table for normal-mode logic. CLKENAB, CLKENBA Normal-function clock-enable inputs. See function table for normal-mode logic. GND Ground OEAB, OEBA Normal-function output-enable inputs. See function table for normal-mode logic. TCK Test clock. One of four pins required by IEEE Standard 1149.1-1990. Test operations of the device are synchronous to TCK. Data is captured on the rising edge of TCK and outputs change on the falling edge of TCK. TDI Test data input. One of four pins required by IEEE Standard 1149.1-1990. TDI is the serial input for shifting data through the instruction register or selected data register. An internal pullup forces TDI to a high level if left unconnected. TDO Test data output. One of four pins required by IEEE Standard 1149.1-1990. TDO is the serial output for shifting data through the instruction register or selected data register. TMS Test mode select. One of four pins required by IEEE Standard 1149.1-1990. TMS directs the device through its TAP controller states. An internal pullup forces TMS to a high level if left unconnected. VCC Supply voltage |
Số phần tương tự - SN74ABT8952DWRE4 |
|
Mô tả tương tự - SN74ABT8952DWRE4 |