công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT8952DWG4 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
SN74ABT8952DWG4 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 29 page SN54ABT8952, SN74ABT8952 SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS SCBS121D – AUGUST 1992 – REVISED JULY 1996 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 instruction-register opcode description The instruction-register opcodes are shown in Table 3. The following descriptions detail the operation of each instruction. Table 3. Instruction-Register Opcodes BINARY CODE† BIT 7 → BIT 0 MSB → LSB SCOPE OPCODE DESCRIPTION SELECTED DATA REGISTER MODE 00000000 EXTEST/INTEST Boundary scan Boundary scan Test 10000001 BYPASS‡ Bypass scan Bypass Normal 10000010 SAMPLE/PRELOAD Sample boundary Boundary scan Normal 00000011 INTEST/EXTEST Boundary scan Boundary scan Test 10000100 BYPASS‡ Bypass scan Bypass Normal 00000101 BYPASS‡ Bypass scan Bypass Normal 00000110 HIGHZ Control boundary to high impedance Bypass Modified test 10000111 CLAMP Control boundary to 1/0 Bypass Test 10001000 BYPASS‡ Bypass scan Bypass Normal 00001001 RUNT Boundary run test Bypass Test 00001010 READBN Boundary read Boundary scan Normal 10001011 READBT Boundary read Boundary scan Test 00001100 CELLTST Boundary self test Boundary scan Normal 10001101 TOPHIP Boundary toggle outputs Bypass Test 10001110 SCANCN Boundary-control register scan Boundary control Normal 00001111 SCANCT Boundary-control register scan Boundary control Test All others BYPASS Bypass scan Bypass Normal † Bit 7 is used to maintain even parity in the 8-bit instruction. ‡ The BYPASS instruction is executed in lieu of a SCOPE ™ instruction that is not supported in the ’ABT8952. boundary scan This instruction conforms to the IEEE Standard 1149.1-1990 EXTEST and INTEST instructions. The BSR is selected in the scan path. Data appearing at the device input pins is captured in the input BSCs, while data appearing at the outputs of the normal on-chip logic is captured in the output BSCs. Data that has been scanned into the input BSCs is applied to the inputs of the normal on-chip logic, while data that has been scanned into the output BSCs is applied to the device output pins. The device operates in the test mode. bypass scan This instruction conforms to the IEEE Standard 1149.1-1990 BYPASS instruction. The bypass register is selected in the scan path. A logic 0 value is captured in the bypass register during Capture-DR. The device operates in the normal mode. sample boundary This instruction conforms to the IEEE Standard 1149.1-1990 SAMPLE/PRELOAD instruction. The BSR is selected in the scan path. Data appearing at the device input pins is captured in the input BSCs, while data appearing at the outputs of the normal on-chip logic is captured in the output BSCs. The device operates in the normal mode. |
Số phần tương tự - SN74ABT8952DWG4 |
|
Mô tả tương tự - SN74ABT8952DWG4 |