công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF205-S bảng dữ liệu(PDF) 1 Page - LEM

tên linh kiện LF205-S
Giải thích chi tiết về linh kiện  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205-S bảng dữ liệu(HTML) 1 Page - LEM

  LF205-S Datasheet HTML 1Page - LEM LF205-S Datasheet HTML 2Page - LEM LF205-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
060522/11
LEM
www .lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 1/3
Current Transducer LF 205-S
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
200
A
I
P
Primary current, measuring range
0 .. ± 420
A
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max RM min RM max
with ± 12 V
@ ± 200 A
max
0
71
0
69
@ ± 420 A
max
0
14
0
12
with ± 15 V
@ ± 200 A
max
0
100
23
98
@ ± 420 A
max
0
28
23
26
I
SN
Secondary nominal r.m.s. current
100
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption @ ± 15 V
17 + I
S
mA
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
± 0.5
%
ε
L
Linearity error
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OM
Residual current 1) @ I
P = 0, after an overload of 3 x IPN
± 0.1
mA
I
O T
Thermal drift of I
O
- 40°C .. + 85°C
± 0.12 ± 0.4
mA
t
ra
Reaction time @ 10 % of I
PN
< 500
ns
t
r
Response time 2) @ 90 % of I
PN
< 1
µs
di/dt
di/dt accurately followed
> 100
A/µs
f
Frequency bandwidth (- 3 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance @ T
A = 70°C
33
@ T
A = 85°C
35
m
Mass
78
g
Standards
EN 50178 : 1997
Notes : 1) The result of the coercive field of the magnetic circuit
2) With a di/dt of 100 A/µs.
Features
Closed loop (compensated) current
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
Application domain
Industry.
I
PN
=
200 A
16135


Số phần tương tự - LF205-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LEM
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
   CURRENT TRANSDUCER LF 205-S
LF205-S LEM-LF205-S_13 Datasheet
721Kb / 3P
   Current Transducer
More results

Mô tả tương tự - LF205-S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com