công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LA50-SP1 bảng dữ liệu(PDF) 3 Page - LEM |
|
LA50-SP1 bảng dữ liệu(HTML) 3 Page - LEM |
3 / 3 page LEM www .lem.com Page 3/3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice. 060911/7 Remarks • I S is positive when IP flows in the direction of the arrow. • Temperature of the primary conductor should not exceed 100°C. • Dynamic performances (di/dt and response time) are best with a single bar completely filling the primary hole. • In order to achieve the best magnetic coupling, the primary windings have to be wound over the top edge of the device. • To measure nominal currents of less than 50 A, the optimum accuracy is obtained by having several primary turns (nomi- nal current x number of turns < 50 At). Mechanical characteristics • General tolerance ± 0.2 mm • Transducer fastening 2 holes ∅ 3.2 mm 2 M3 steel screws Recommended fastening torque 1.1 Nm or 0.80 Lb.-Ft. • Primary through-hole 12.7 x 6.35 mm • Connection of secondary Molex 5045-04/AG Dimensions LA 50-S/SP1 (in mm. 1 mm = 0.0394 inch) Front view Top view Left view Rep. Clearance Creepage A-B 7.40 mm 8.70 mm Connection |
Số phần tương tự - LA50-SP1 |
|
Mô tả tương tự - LA50-SP1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |