công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2423TE bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2423TE
Giải thích chi tiết về linh kiện  220V Monolithic Triple Channel 15 MHz CRT DTV Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2423TE bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM2423TE Datasheet HTML 1Page - National Semiconductor (TI) LM2423TE Datasheet HTML 2Page - National Semiconductor (TI) LM2423TE Datasheet HTML 3Page - National Semiconductor (TI) LM2423TE Datasheet HTML 4Page - National Semiconductor (TI) LM2423TE Datasheet HTML 5Page - National Semiconductor (TI) LM2423TE Datasheet HTML 6Page - National Semiconductor (TI) LM2423TE Datasheet HTML 7Page - National Semiconductor (TI) LM2423TE Datasheet HTML 8Page - National Semiconductor (TI) LM2423TE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2423
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
General Description
The LM2423 is a triple channel high voltage CRT driver
circuit designed for use in DTV applications. The IC contains
three high input impedance, wide band amplifiers which
directly drive the RGB cathodes of a CRT. Each channel has
its gain internally set to −54 and can drive CRT capacitive
loads as well as resistive loads present in other applications,
limited only by the package’s power dissipation.
The IC is packaged in an industry standard 11-lead TO-220
molded plastic power package designed specifically to meet
high voltage spacing requirements. See Thermal Consider-
ations section.
Features
n
15 MHz bandwidth at 130V
PP output swing
n
Up to 170V
PP output swing with AC coupling to
cathodes
n
0V to 5V input voltage range
n
Stable with 0 pF–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-220 staggered thin lead package style
Applications
n
AC coupled DTV applications using the 480p format as
well as standard NTSC and PAL formats.
Connection Diagram
Schematic Diagram
20114801
FIGURE 1. Top View
Order Number LM2423TE
See NS Package Number TE11B NOPB
Available only with lead free plating
20114802
FIGURE 2. Simplified Schematic Diagram
(One Channel)
January 2006
© 2006 National Semiconductor Corporation
DS201148
www.national.com


Số phần tương tự - LM2423TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2423TE NSC-LM2423TE Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
More results

Mô tả tương tự - LM2423TE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com