công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSTUD16211MTD bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FSTUD16211MTD
Giải thích chi tiết về linh kiện  24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16211MTD bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FSTUD16211MTD Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500390
www.fairchildsemi.com
June 2000
Revised October 2006
FSTUD16211
24-Bit Bus Switch with
−2V Undershoot Protection
and Level Shifting
General Description
The Fairchild Switch FSTUD16211 provides 24-bits of
high-speed CMOS TTL-compatible bus switching. The low
on resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. A diode to VCC has been
integrated into the circuit to allow for level shifting between
5V inputs and 3.3V outputs.
The device is organized as a 12-bit or 24-bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OE1/2 is HIGH, a high impedance state
exists between the A and B Ports. The A and B Ports have
“undershoot hardened” circuit protection to support an
extended range to 2.0V below ground. Fairchild’s inte-
grated Undershoot Hardened Circuit (UHC®) senses
undershoot at the I/O’s, and responds by preventing volt-
age differentials from developing and turning on the switch.
Features
s Undershoot hardened to
−2V (A and B Ports)
s Voltage level shifting
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s See Applications Note AN-5008 for details
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: BGA package available in Tape and Reel only.
Logic Diagram
UHC® is a registered trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTUD16211GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
FSTUD16211MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Số phần tương tự - FSTUD16211MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Mô tả tương tự - FSTUD16211MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384_06 Datasheet
250Kb / 6P
   20-Bit Low Power Bus Switch with −2V Undershoot Protection
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com