công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8507IDWRG4 bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS8507IDWRG4
Giải thích chi tiết về linh kiện  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8507IDWRG4 bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS8507IDWRG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8507IDWRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Successive Approximation Register
Clock
Comparator
CS
CDAC
Buffer
REF
CAP
R1IN
40 k
9.9 k
Internal
+2.5 V Ref
6 k
Parallel
and
Serial
Data
Out
&
Control
BUSY
BUSY
DATACLK
TAG
20 k
39.8 k
R2IN
EXT/IN
R/C
SB/BTC
BYTE
REFD
Parallel
Data
PWRD
SDATA
ADS8507
SLAS381 – DECEMBER 2006
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH
INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
• Industrial Process Control
• 40-kHz Min Sampling Rate
• Test Equipment
• 4-V, 5-V, and ±10-V Input Ranges
• Medical Equipment
• 89.9-dB SINAD with 10-kHz Input
• Data Acquisition Systems
• ±1.5 LSB Max INL
• Digital Signal Processing
• +1.5/–1 LSB Max DNL, 16-Bit No Missing
• Instrumentation
Codes
• ±5-mV BPZ, ±0.4 PPM/°C BPZ Drift
• SPI Compatible Serial Output With
The ADS8507 is a complete low power, single 5-V
Daisy-Chain (TAG) Feature
supply,
16-bit
sampling
analog-to-digital
(A/D)
• Single 5-V Analog Supply
converter.
It
contains
a
complete
16-bit
• Pin-Compatible With ADS7807 and 12-Bit
capacitor-based, successive approximation register
(SAR) A/D converter with sample and hold, clock,
ADS7806/8506
reference, and data interface. The converter can be
• Uses Internal or External 2.5-V Reference
configured for a variety of input ranges including ±10
• Low Power Dissipation
V, 4 V, and 5 V. For most input ranges, the input
24 mW Typ, 30 mW Max at 40 KSPS
voltage can swing to 25 V or –25 V without damage
to the converter.
• 50-µW Max Power Down Mode
A SPI compatible serial interface allows data to be
• 28-Pin SO Package
synchronized to an internal or external clock. A full
• Full Parallel Interface
parallel interface with BYTE select is also provided to
• 2's Comp or BTC Output Code
allow the maximum system design flexibility. The
ADS8507 is specified at 40 kHz sampling rate over
the industrial -40°C to 85°C temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
QSPI, SPI are trademarks of Motorola.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8507IDWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8507IDWRG4 TI-ADS8507IDWRG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8507IDWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com