công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8822QBDBTR bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện DAC8822QBDBTR
Giải thích chi tiết về linh kiện  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QBDBTR bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  DAC8822QBDBTR Datasheet HTML 1Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 2Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 3Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 4Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 5Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
DAC8822
FEATURES
DESCRIPTION
APPLICATIONS
I
A
OUT
AGNDA
R A
1
R A
1
DACA
I
B
OUT
AGNDB
DACB
DACA
Register
DACB
Register
DGND
D0
D15
WR
A0
A1
RS
LDAC
RSTSEL
V
DD
R
A
COM
V
A
REF
R
A
OFS
R A
FB
R A
FB
R
A
OFS
R B
1
R B
2
R
B
OFS
R B
FB
R B
FB
R
B
OFS
V
B
REF
R
B
COM
R B
1
InputA
Register
Parallel
Bus
Interface
Control
Logic
InputB
Register
R A
2
Power-On
Reset
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
16-Bit, Dual, Parallel Input, Multiplying
Digital-to-Analog Converter
• ±0.5LSB DNL
The DAC8822 dual, multiplying digital-to-analog
converter (DAC) is designed to operate from a single
• ±1LSB INL
2.7V to 5.5V supply.
• Low Noise: 12nV/√Hz
The applied external reference input voltage VREF
• Low Power Operation:
determines the full-scale output current. An internal
IDD = 1µA per Channel at 2.7V
feedback
resistor
(RFB)
provides
temperature
• 2mA Full-Scale Current, with V
REF = 10V
tracking for the full-scale output when combined with
• Settling Time: 0.5µs
an
external,
current-to-voltage
(I/V)
precision
amplifier.
• 16-Bit Monotonic
• 4-Quadrant Multiplying Reference Inputs
A RSTSEL pin allows system reset assertion (RS) to
force all registers to zero code when RSTSEL = '0',
• Reference Bandwidth: 10MHz
or to midscale code when RSTSEL = '1'. Additionally,
• Reference Input: ±18V
an internal power-on reset forces all registers to zero
• Reference Dynamics: –105 THD
or midscale code at power-up, depending on the
state of the RSTSEL pin.
• Midscale or Zero Scale Reset
• Analog Power Supply: +2.7V to +5.5V
A
parallel
interface
offers
high-speed
communications. The DAC8822 is packaged in a
• TSSOP-38 Package
space-saving
TSSOP-38
package
and
has
an
• Industry-Standard Pin Configuration
industry-standard pinout. The device is specified
• Pin-Compatible with the 14-Bit DAC8805
from –40
°C to +125°C.
• Temperature Range: –40°C to +125°C
For
a
14-bit,
pin-compatible
version,
see
the
DAC8805.
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration
• Industrial Control PLCs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC8822QBDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822QBDBTR BURR-BROWN-DAC8822QBDBTR Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8822QBDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com