công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8822QBDBTR bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện DAC8822QBDBTR
Giải thích chi tiết về linh kiện  16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8822QBDBTR bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  DAC8822QBDBTR Datasheet HTML 1Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 2Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 3Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 4Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 5Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 6Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 7Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 8Page - Burr-Brown (TI) DAC8822QBDBTR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8822
SBAS390A – DECEMBER 2006 – REVISED MARCH 2007
All specifications at TA = –40°C to +125°C, VDD = +2.7V to +5.5V, IOUT = virtual GND, GND = 0V, and VREF = 10V, unless otherwise noted.
DAC8822
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
16
Bits
DAC8822QB
±2
LSB
Relative accuracy
INL
DAC8822QC
±1
LSB
Differential nonlinearity
DNL
±0.5
±1
LSB
Output leakage current
Data = 0000h, TA = +25°C
10
nA
Output leakage current
Data = 0000h, Full temperature range
20
nA
Unipolar, data = FFFFh
±1
±4
mV
Full-scale gain error
Bipolar, data = FFFFh
±1
±4
mV
Full-scale temperature coefficient
±1
±2
ppm/
°C
TA = +25°C
±1
±3
mV
Bipolar zero error
Full temperature range
±1
±3
mV
Power-supply rejection ratio
PSRR VDD = 5V ±10%
±0.2
±1.0
LSB/V
OUTPUT CHARACTERISTICS(1)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT
Reference voltage range
VREF
–18
18
V
Input resistance (unipolar)
RREF
4
5
6
k
Input capacitance
5
pF
R1, R2
4
5
6
k
Feedback and offset resistance
ROFS, RFB
8
10
12
k
LOGIC INPUTS AND OUTPUT(1)
VIL VDD = +2.7V
0.6
V
Input low voltage
VIL VDD = +5V
0.8
V
VIH VDD = +2.7V
2.1
V
Input high voltage
VIH VDD = +5V
2.4
V
Input leakage current
IIL
0.001
1
µA
Input capacitance
CIL
8
pF
POWER REQUIREMENTS
Supply voltage
VDD
2.7
5.5
V
Normal operation, logic inputs = 0V
3
6
µA
Supply current
IDD VDD = +4.5V to +5.5V, VIH = VDD and VIL = GND
3
6
µA
VDD = +2.7V to +3.6V, VIH = VDD and VIL = GND
1
3
µA
AC CHARACTERISTICS(1)(2)
To 0.0015% of full-scale,
Output current settling time
tS
0.5
µs
data = 0000h to FFFFh to 0000h
Reference multiplying BW
BW – 3dB VREF = 5VPP, data = FFFFh, 2-quadrant mode
10
MHz
VREF = 0V to 10V,
DAC glitch impulse
5
nV–s
data = 7FFFh to 8000h to 7FFFh
Data = 0000h, VREF = 100kHz, ±10VPP,
Feedthrough error
VOUT/VREF
–70
dB
2-quadrant mode
Crosstalk error
VOUTA/VREFB Data = 0000h, VREFB = 100mVRMS, f = 100kHz
–100
dB
LDAC = logic low, VREF = –10V to + 10V
Digital feedthrough
1
nV–s
Any code change
Total harmonic distortion
THD VREF = 6VRMS, data = FFFFh, f = 1kHz
–105
dB
Output noise density
eN f = 1kHz, BW = 1Hz, 2-quadrant mode
12
nV/
√Hz
(1)
Specified by design and characterization; not production tested.
(2)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
3
Submit Documentation Feedback


Số phần tương tự - DAC8822QBDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822QBDBTR BURR-BROWN-DAC8822QBDBTR Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8822QBDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com