công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8329IBRSARG4 bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS8329IBRSARG4
Giải thích chi tiết về linh kiện  LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8329IBRSARG4 bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADS8329IBRSARG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS8329IBRSARG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
REF−
+IN
REF+
SDI
SCLK
SDO
CDAC
SAR
COMPARATOR
OUTPUT
LATCH
and
3−STATE
DRIVER
CONVERSION
and
CONTROL
LOGIC
−IN
+IN1
+IN0
COM
NC
OSC
_
+
ADS8330
ADS8329
FS/CS
CONVST
EOC/INT/CDI
ADS8329
ADS8330
SLAS516 – DECEMBER 2006
LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL
CONVERTERS WITH SERIAL INTERFACE
• Communications
• 2.7-V to 5.5-V Analog Supply, Low Power:
• Transducer Interface
15.5 mW (1 MHz, +VA = 3 V, +VBD = 1.8 V)
• Medical Instruments
• 1-MHz Sampling Rate 3 V ≤ +VA ≤ 5.5 V,
• Magnetometers
900-kHz Sampling Rate 2.7 V
≤ +VA ≤ 3 V
• Industrial Process Control
• Excellent DC Performance
• Data Acquisition Systems
±1.0 LSB Typ, ±1.75 LSB Max INL
• Automatic Test Equipment
±0.5 LSB Typ, ±1 LSB Max DNL
16-Bit NMC Over Temperature
±0.5 mV Max Offset Error at 3 V
The ADS8329 is a low power, 16-bit, 1-MSPS
±1 mV Max Offset Error at 5 V
analog-to-digital converter with a unipolar input. The
• Excellent AC Performance at f
i = 100 kHz with
device includes a 16-bit capacitor-based SAR A/D
converter with inherent sample and hold.
92 dB SNR, 102 dB SFDR, –102 dB THD
• Built-In Conversion Clock (CCLK)
The ADS8330 is based on the same core and
includes a 2-to-1 input MUX with programmable
• 1.65 V to 5.5 V I/O Supply
option of TAG bit output. Both the ADS8329 and
SPI/DSP Compatible Serial
ADS8330 offer a high-speed, wide voltage serial
SCLK up to 50 MHz
interface and are capable of chain mode operation
when multiple converters are used.
• Comprehensive Power-Down Modes:
Deep Powerdown
These converters are available in a 4x4 QFN
package and are fully specified for operation over the
Nap Powerdown
industrial –40°C to +85°C temperature range.
Auto Nap Powerdown
• Unipolar Input Range: 0 V to V
ref
Low Power, High-Speed SAR Converter Family
• Software Reset
Type/Speed
500 kHz
1 MHz
• Global CONVST (Independent of CS)
Single
ADS8327
ADS8329
16 Bit Pseudo-Diff
• Programmable Status/Polarity EOC/INT
Dual
ADS8328
ADS8330
• 16-Pin 4 x 4 QFN Package
• Multi-Chip Daisy Chain Mode
• Programmable TAG Bit Output
• Auto/Manual Channel Select Mode (ADS8330)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8329IBRSARG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8329IBRSARG4 TI-ADS8329IBRSARG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329IBRSARG4 TI1-ADS8329IBRSARG4 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Mô tả tương tự - ADS8329IBRSARG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com