công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDZ293P bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDZ293P
Giải thích chi tiết về linh kiện  P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ293P bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDZ293P_06 Datasheet HTML 1Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 2Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 3Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 4Page - Fairchild Semiconductor FDZ293P_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDZ293P Rev. D (W)
Electrical CharacteristicsT
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown
Voltage
VGS = 0 V,
ID = –250 µA
–20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250 µA, Referenced to 25°C
–13
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage.
VGS = ±12 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = –250 µA
–0.6
–0.8
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –4.6 A,
VGS = –2.5 V,
ID = –3.6A,
VGS = –4.5 V, ID = –4.6 A, TJ=125°C
36
58
47
46
72
65
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–10
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –4.6 A
13
S
Dynamic Characteristics
Ciss
Input Capacitance
754
pF
Coss
Output Capacitance
167
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
92
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
10
20
ns
td(off)
Turn–Off Delay Time
22
35
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6 Ω
17
31
ns
Qg
Total Gate Charge
7.5
11
nC
Qgs
Gate–Source Charge
1.5
nC
Qgd
Gate–Drain Charge
VDS = –10V,
ID = –4.6 A,
VGS = –4.5 V
2.0
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.4
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.4 A (Note 2)
–0.7
–1.2
V
trr
Diode Reverse Recovery Time
17
nS
Qrr
Diode Reverse Recovery Charge
IF = –4.6 A,
diF/dt = 100 A/µs
5
nC
Notes:
1.
RθJA is determined with the device mounted on a 1 in² 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to
the circuit board side of the solder ball, RθJB, is defined for reference. For RθJC, the thermal reference point for the case is defined as the top surface of the
copper chip carrier. RθJC and RθJB are guaranteed by design while RθJA is determined by the user's board design.
a)
72°C/W when
mounted on a 1in2 pad
of 2 oz copper, 1.5” x
1.5” x 0.062” thick
PCB
b)
157°C/W when mounted
on a minimum pad of 2 oz
copper
2.
Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Số phần tương tự - FDZ293P_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
More results

Mô tả tương tự - FDZ293P_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ298N FAIRCHILD-FDZ298N Datasheet
170Kb / 6P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ294N FAIRCHILD-FDZ294N Datasheet
146Kb / 9P
   N-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com