công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDN336P bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor |
|
FDN336P bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor |
4 / 5 page FDN336P Rev.D 0.0001 0.001 0.01 0.1 1 10 100 300 0 10 20 30 40 50 SINGLE PULSE TIME (SEC) SINGLE PULSE R =270°C/W T = 25°C θJA A Figure 10. Single Pulse Maximum Power Dissipation. 0.0001 0.001 0.01 0.1 1 10 100 300 0.001 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1 t , TIME (sec) R (t) = r(t) * R R = 270 °C/W Duty Cycle, D = t /t 1 2 θJA θJA θJA T - T = P * R (t) θJA A J P(pk) t1 t 2 1 Single Pulse D = 0.5 0.1 0.05 0.02 0.01 0.2 0.1 0.2 0.5 1 2 5 10 20 40 100 200 400 700 -V , DRAIN TO SOURCE VOLTAGE (V) DS Ciss f = 1 MHz V = 0 V GS Coss Crss Figure 8. Capacitance Characteristics. Figure 7. Gate Charge Characteristics. Figure 9. Maximum Safe Operating Area. Typical Electrical Characteristics (continued) 0 1 2 3 4 0 1 2 3 4 5 Q , GATE CHARGE (nC) g V = -5V DS -15V I = -1.3A D -10V 0.2 0.5 1 3 5 10 30 0.01 0.03 0.1 0.3 1 3 10 30 -V , DRAIN-SOURCE VOLTAGE (V) RDS(ON) LIMIT DS V = -4.5V SINGLE PULSE R = 270°C/W T = 25°C θJA GS A DC 1s 100ms 10ms 1ms 10s Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design. |
Số phần tương tự - FDN336P |
|
Mô tả tương tự - FDN336P |