công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1228V14-2.7 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện X1228V14-2.7
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228V14-2.7 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button X1228V14-2.7 Datasheet HTML 7Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 8Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 9Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 10Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 11Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 12Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 13Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 14Page - Intersil Corporation X1228V14-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
FN8100.4
May 18, 2006
CLOCK/CONTROL REGISTERS (CCR)
The Control/Clock Registers are located in an area
separate from the EEPROM array and are only
accessible following a slave byte of “1101111x” and
reads or writes to addresses [0000h:003Fh]. The
clock/control memory map has memory addresses
from 0000h to 003Fh. The defined addresses are
described in the Table 1. Writing to and reading from
the undefined addresses are not recommended.
CCR access
The contents of the CCR can be modified by perform-
ing a byte or a page write operation directly to any
address in the CCR. Prior to writing to the CCR
(except the status register), however, the WEL and
RWEL bits must be set using a two step process (See
section “Writing to the Clock/Control Registers.”)
The CCR is divided into 5 sections. These are:
1. Alarm 0 (8 bytes; non-volatile)
2. Alarm 1 (8 bytes; non-volatile)
3. Control (4 bytes; non-volatile)
4. Real Time Clock (8 bytes; volatile)
5. Status (1 byte; volatile)
Each register is read and written through buffers. The
non-volatile portion (or the counter portion of the RTC) is
updated only if RWEL is set and only after a valid write
operation and stop bit. A sequential read or page write
operation provides access to the contents of only one
section of the CCR per operation. Access to another sec-
tion requires a new operation. Continued reads or writes,
once reaching the end of a section, will wrap around to
the start of the section. A read or write can begin at any
address in the CCR.
It is not necessary to set the RWEL bit prior to writing
the status register. Section 5 supports a single byte
read or write only. Continued reads or writes from this
section terminates the operation.
The state of the CCR can be read by performing a ran-
dom read at any address in the CCR at any time. This
returns the contents of that register location. Additional
registers are read by performing a sequential read.
The read instruction latches all Clock registers into a
buffer, so an update of the clock does not change the
time being read. A sequential read of the CCR will not
result in the output of data from the memory array. At
the end of a read, the master supplies a stop condition
to end the operation and free the bus. After a read of
the CCR, the address remains at the previous address
+1 so the user can execute a current address read of
the CCR and continue reading the next Register.
ALARM REGISTERS
There are two alarm registers whose contents mimic
the contents of the RTC register, but add enable bits
and exclude the 24 hour time selection bit. The enable
bits specify which registers to use in the comparison
between the Alarm and Real Time Registers. For
example:
– Setting the Enable Month bit (EMOn*) bit in combi-
nation with other enable bits and a specific alarm
time, the user can establish an alarm that triggers at
the same time once a year.
*n = 0 for Alarm 0: N = 1 for Alarm 1
Table 1. Clock/Control Memory Map
Addr.
Type
Reg
Name
Bit
Range
7
6
543
21
0 (optional)
003F
Status
SR
BAT
AL1
AL0
0
0
RWEL
WEL
RTCF
01h
0037
RTC
(SRAM)
Y2K
0
0
Y2K21
Y2K20
Y2K13
0
0
Y2K10
19/20
20h
0036
DW
0
0
0
0
0
DY2
DY1
DY0
0-6
00h
0035
YR
Y23
Y22
Y21
Y20
Y13
Y12
Y11
Y10
0-99
00h
0034
MO
0
0
0
G20
G13
G12
G11
G10
1-12
00h
0033
DT
0
0
D21
D20
D13
D12
D11
D10
1-31
00h
0032
HR
MIL
0
H21
H20
H13
H12
H11
H10
0-23
00h
0031
MN
0
M22
M21
M20
M13
M12
M11
M10
0-59
00h
0030
SC
0
S22
S21
S20
S13
S12
S11
S10
0-59
00h
0013
Control
(EEPROM)
DTR
0
0
0
0
0
DTR2
DTR1
DTR0
00h
0012
ATR
0
0
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
00h
0011
INT
IM
AL1E
AL0E
FO1
FO0
x
x
x
00h
0010
BL
BP2
BP1
BP0
WD1
WD0
0
0
0
18h
X1228


Số phần tương tự - X1228V14-2.7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X1228V14-2.7 XICOR-X1228V14-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7 INTERSIL-X1228V14-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7 RENESAS-X1228V14-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228V14-2.7A XICOR-X1228V14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Mô tả tương tự - X1228V14-2.7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com