công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1228S14I-2.7 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện X1228S14I-2.7
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228S14I-2.7 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button X1228S14I-2.7 Datasheet HTML 5Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 6Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 7Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 8Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 9Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 10Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 11Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 12Page - Intersil Corporation X1228S14I-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
FN8100.4
May 18, 2006
DESCRIPTION
The X1228 device is a Real Time Clock with
clock/calendar, two polled alarms with integrated 512x8
EEPROM, oscillator compensation, CPU Supervisor
(POR/LVS and WDT) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
The Real-Time Clock keeps track of time with
separate registers for Hours, Minutes, Seconds. The
Calendar has separate registers for Date, Month, Year
and Day-of-week. The calendar is correct through
2099, with automatic leap year correction.
The powerful Dual Alarms can be set to any
Clock/Calendar value for a match. For instance, every
minute, every Tuesday, or 5:23 AM on March 21. The
alarms can be polled in the Status Register or provide
a hardware interrupt (IRQ Pin). There is a repeat
mode for the alarms allowing a periodic interrupt.
The PHZ/IRQ pin may be software selected to provide
a frequency output of 1 Hz, 4096 Hz, or 32,768 Hz.
The X1228 device integrates CPU Supervisor func-
tions and a Battery Switch. There is a Power-On Reset
(RESET output) with typically 250 ms delay from
power-on. It will also assert RESET when Vcc goes
below the specified threshold. The Vtrip threshold is
user repro-grammable. There is a WatchDog Timer
(WDT) with 3 selectable time-out periods (0.25s,
0.75s, 1.75s) and a disabled setting. The watchdog
activates the RESET pin when it expires.
The device offers a backup power input pin. This
VBACK pin allows the device to be backed up by
battery or SuperCap. The entire X1228 device is fully
operational
from
2.7
to
5.5
volts
and
the
clock/calendar portion of the X1228 device remains
fully operational down to 1.8 volts (Standby Mode).
The X1228 device provides 4K bits of EEPROM with 8
modes of BlockLock™ control. The BlockLock allows a
safe, secure memory for critical user and configuration
data, while allowing a large user storage area.
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device. The input buffer on this pin is always active
(not gated).
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It has an open drain output and
may be wire ORed with other open drain or open col-
lector outputs. The input buffer is always active (not
gated).
An open drain output requires the use of a pull-up
resistor. The output circuitry controls the fall time of
the output signal with the use of a slope controlled
pull-down. The circuit is designed for 400kHz 2-wire
interface speeds.
VBACK
This input provides a backup supply voltage to the
device. VBACK supplies power to the device in the
event the VCC supply fails. This pin can be connected
to a battery, a Supercap or tied to ground if not used.
RESET Output – RESET
This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or
that the voltage has dropped below a fixed VTRIP thresh-
old. It is an open drain active LOW output. Recom-
mended value for the pullup resistor is 5k
Ω. If unused, tie
to ground.
Programmable Frequency/Interrupt Output – PHZ/IRQ
This is either an output from the internal oscillator or an
interrupt signal output. It is a CMOS output.
When used as frequency output, this signal has a fre-
quency of 32.768kHz, 4096Hz, 1Hz or inactive.
When used as interrupt output, this signal notifies a
host processor that an alarm has occurred and an
action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and
are found in address 0011h of the Clock Control Mem-
ory map. See “Programmable Frequency Output
Bits—FO1, FO0” on page 14.
NC = No internal connection
X1228
NC
NC
X1
X2
1
2
3
4
13
14
12
11
14 LD TSSOP/SOIC
5
6
7
10
9
8
RESET
VSS
VCC
VBACK
PHZ/IRQ
NC
SCL
NC
SDA
NC
X1228


Số phần tương tự - X1228S14I-2.7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X1228S14I-2.7 XICOR-X1228S14I-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14I-2.7 INTERSIL-X1228S14I-2.7 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14I-2.7 RENESAS-X1228S14I-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228S14I-2.7A XICOR-X1228S14I-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14I-2.7A INTERSIL-X1228S14I-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Mô tả tương tự - X1228S14I-2.7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com