công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X1227S8 bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
X1227S8 bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
2 / 28 page 2 FN8099.2 May 8, 2006 ORDERING INFORMATION PART NUMBER PART MARKING VCC RANGE (V) VTRIP TEMPERATURE RANGE (°C) PACKAGE PKG. DWG. # X1227S8-4.5A X1227AL 4.5 to 5.5 4.63V ± 112mV 0 to 70 8 Ld SOIC MDP0027 X1227S8Z-4.5A (Note 1) X1227ZAL 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X1227S8I-4.5A X1227AM -40 to 85 8 Ld SOIC MDP0027 X1227S8IZ-4.5A (Note 1) X1227ZAM -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X1227V8-4.5A 1227AL 0 to 70 8 Ld TSSOP M8.173 X1227V8Z-4.5A (Note 1) 1227ALZ 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X1227V8I-4.5A 1227AM -40 to 85 8 Ld TSSOP M8.173 X1227V8IZ-4.5A (Note 1) 1227AMZ -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X1227S8* X1227 4.38V ± 112mV 0 to 70 8 Ld SOIC MDP0027 X1227S8Z* (Note 1) X1227Z 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X1227S8I X1227I -40 to 85 8 Ld SOIC MDP0027 X1227S8IZ (Note 1) X1227ZI -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X1227V8 1227 0 to 70 8 Ld TSSOP M8.173 X1227V8Z (Note 1) 1227Z 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X1227V8I 1227I -40 to 85 8 Ld TSSOP M8.173 X1227V8IZ (Note 1) 1227IZ -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X1227S8-2.7A X1227AN 2.7 to 5.5 2.85V ± 100mV 0 to 70 8 Ld SOIC MDP0027 X1227S8Z-2.7A (Note 1) X1227ZAN 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X1227S8I-2.7A* X1227AP -40 to 85 8 Ld SOIC MDP0027 X1227S8IZ-2.7A* (Note 1) X1227ZAP -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X1227V8-2.7A 1227AN 0 to 70 8 Ld TSSOP M8.173 X1227V8Z-2.7A (Note 1) 1227ANZ 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X1227V8I-2.7A 1227AP -40 to 85 8 Ld TSSOP M8.173 X1227V8IZ-2.7A (Note 1) 1227APZ -40 to 85 8 Ld TSSOP (Pb-free) M8.173 X1227S8-2.7* X1227F 2.65V ± 100mV 0 to 70 8 Ld SOIC MDP0027 X1227S8Z-2.7 (Note 1) X1227ZF 0 to 70 8 Ld SOIC (Pb-free) MDP0027 X1227S8I-2.7* X1227G -40 to 85 8 Ld SOIC MDP0027 X1227S8IZ-2.7 (Note 1) X1227ZG -40 to 85 8 Ld SOIC (Pb-free) MDP0027 X1227V8-2.7 1227F 0 to 70 8 Ld TSSOP M8.173 X1227V8Z-2.7 (Note 1) 1227FZ 0 to 70 8 Ld TSSOP (Pb-free) M8.173 X1227V8I-2.7 1227G -40 to 85 8 Ld TSSOP M8.173 X1227V8IZ-2.7 (Note 1) 1227GZ -40 to 85 8 Ld TSSOP (Pb-free) M8.173 *Add "T1" suffix for tape and reel. NOTES: 1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2. For appropriate volume, any VTRIP value from 2.6 to 4.7V may be ordered via Intersil’s Customer Specification Program (CSPEC). X1227 |
Số phần tương tự - X1227S8 |
|
Mô tả tương tự - X1227S8 |