công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X1226V8Z bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
X1226V8Z bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
2 / 25 page 2 FN8098.3 May 8, 2006 PIN CONFIGURATION Ordering Information PART NUMBER PART MARKING VDD (V) TEMP RANGE (°C) PACKAGE PKG. DWG. # X1226S8* X1226 2.7 to 5.5 0 to 70 8 Ld SOIC (150 mil) MDP0027 X1226S8Z* (Note) X1226Z 0 to 70 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X1226S8I* X1226I -40 to 85 8 Ld SOIC (150 mil) MDP0027 X1226S8IZ* (Note) X1226ZI -40 to 85 8 Ld SOIC (150 mil) (Pb-free) MDP0027 X1226V8* 1226 0 to 70 8 Ld TSSOP (4.4mm) M8.173 X1226V8Z* (Note) 1226Z 0 to 70 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 X1226V8I* 1226I -40 to 85 8 Ld TSSOP (4.4mm) M8.173 X1226V8IZ* (Note) 1226IZ -40 to 85 8 Ld TSSOP (4.4mm) (Pb-free) M8.173 *Add "T1" suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. X1 X2 VBACK VCC PHZ/IRQ SCL SDA VSS 1 2 3 4 7 8 6 5 8 LD TSSOP X1 X2 VBACK VCC PHZ/IRQ SCL SDA VSS 1 2 3 4 7 8 6 5 8 LD SOIC X1226 |
Số phần tương tự - X1226V8Z |
|
Mô tả tương tự - X1226V8Z |