công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X1226 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện X1226
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1226 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  X1226 Datasheet HTML 1Page - Intersil Corporation X1226 Datasheet HTML 2Page - Intersil Corporation X1226 Datasheet HTML 3Page - Intersil Corporation X1226 Datasheet HTML 4Page - Intersil Corporation X1226 Datasheet HTML 5Page - Intersil Corporation X1226 Datasheet HTML 6Page - Intersil Corporation X1226 Datasheet HTML 7Page - Intersil Corporation X1226 Datasheet HTML 8Page - Intersil Corporation X1226 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN8098.3
May 8, 2006
PIN ASSIGNMENTS
Pin Number
Symbol
Brief Description
SOIC
TSSOP
13
X1
X1. The X1pin is the input of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1226 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is
included to form a complete oscillator circuit. Care should be taken in the placement of the
crystal and the layout of the circuit. Plenty of ground plane around the device and short
traces to X1 are highly recommended. See Application section for more recommendations.
24
X2
X2. The X2 pin is the output of an inverting amplifier. An external 32.768kHz quartz
crystal is used with the X1226 to supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is
included to form a complete oscillator circuit. Care should be taken in the placement of the
crystal and the layout of the circuit. Plenty of ground plane around the device and short
traces to X2 are highly recommended. See Application section for more recommendations.
3
5
PHZ/IRQ
Programmable Frequency/Interrupt Output – PHZ/IRQ. This is either an output from
the internal oscillator or an interrupt signal output. It is an open drain output.
When used as frequency output, this signal has a frequency of 32.768kHz, 4096Hz,
1Hz or inactive.
When used as interrupt output, this signal notifies a host processor that an alarm has
occurred and an action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and are found in address 0011h of
the Clock Control Memory map. See “Programmable Frequency Output Bits—FO1,
FO0” on page 9.
46
VSS
VSS.
57
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or
open collector outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up resistor. The output circuitry controls
the fall time of the output signal with the use of a slope controlled pull-down. The circuit
is designed for 400kHz 2-wire interface speed.
68
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the device.
The input buffer on this pin is always active (not gated).
71
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies
power to the device in the event the VCC supply fails. This pin can be connected to a
battery, a Supercap or tied to ground if not used.
82
VCC
VCC.
X1226


Số phần tương tự - X1226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226S8 XICOR-X1226S8 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
X1226S8 INTERSIL-X1226S8 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
More results

Mô tả tương tự - X1226

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com