công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12021 bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL12021
Giải thích chi tiết về linh kiện  Real Time Clock with On Chip Temp Compensation 짹5ppm
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12021 bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL12021 Datasheet HTML 4Page - Intersil Corporation ISL12021 Datasheet HTML 5Page - Intersil Corporation ISL12021 Datasheet HTML 6Page - Intersil Corporation ISL12021 Datasheet HTML 7Page - Intersil Corporation ISL12021 Datasheet HTML 8Page - Intersil Corporation ISL12021 Datasheet HTML 9Page - Intersil Corporation ISL12021 Datasheet HTML 10Page - Intersil Corporation ISL12021 Datasheet HTML 11Page - Intersil Corporation ISL12021 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6451.0
March 30, 2007
Brown Out Detection
The ISL12021 monitors the VDD level continuously and
provides warning if the VDD level drops below the prescribed
levels. There are five (5) levels that could be selected for the
trip level. Typically set at the 85% of nominal VDD level. The
Real Time Clock Power Brown Out Bit ( LVDD) is set once
the VDD level drops below the trip point. The LVRST output
becomes active when the Power Brown Out Bit is set.
When the VDD power is re-established and is above the
85%VDD + 50mV trip point, the VPBM0 is set. The LVDD bit
is reset once it is read by the CPU. Note: The I2C comm link
remains active unless the Battery VTRIP levels are reached.
Battery Level Monitor
The ISL12021 has a built in warning feature once the Back
Up battery level drops first to 85% and then to 75% of the
battery’s nominal VBAT level. When the battery voltage
drops to between 85% and 75%, the LBAT85 bit is set in the
status register. When the level drops below 75%, both
LBAT85 and LBAT75 bits are set in the status register.
There is a Battery Timestamp Function available. Once the
VDD is low enough to enable switchover to the battery, the
RTC time/date are written into the TSVTB register. This
information can be read from the TSVTB registers to
discover the point in time of the VDD powerdown. If there are
multiple powerdown cycles before reading these registers,
the first values stored in these registers will be retained.
These registers will hold the original powerdown value until
they are cleared by writing “00h” to each register.
Low Power Mode
The normal power switching of the ISL12021 is designed to
switch into battery backup mode only if the VDD power is
lost. This will ensure that the device can accept a wide range
of backup voltages from many types of sources while reliably
switching into backup mode. Another mode (called Low
Power Mode) is available to allow direct switching from VDD
to VBAT without requiring VDD to drop below VTRIP. Since
the additional monitoring of VDD vs VTRIP is no longer
needed, that circuitry is shut down and less power is used
while operating from VDD. Power savings are typically
600nA at VDD = 5V. Low Power Mode is activated via the
BSW bit in the control and status registers.
Low Power Mode is useful in systems where VDD is normally
higher than VBAT at all times. The device will switch from
VDD to VBAT when VDD drops below VBAT, with about 50mV
of hysteresis to prevent any switchback of VDD after
switchover. In a system with VDD = 5V and backup lithium
battery of VBAT = 3V, Low Power Mode can be used.
However, it is not recommended to use Low Power Mode in
a system with VDD = 3.3V ±10%, VBAT ≥ 3.0V, and when
there is a finite I-R voltage drop in the VDD line.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of second, minute, hour, day of week, date, month, and year.
The RTC also has leap-year correction. The clock also
corrects for months having fewer than 31 days and has a bit
that controls 24 hour or AM/PM format. When the ISL12021
powers up after the loss of both VDD and VBAT, the clock will
not begin incrementing until at least one byte is written to the
clock register.
Single Event and Interrupt
The alarm mode is enabled via the MSB bit. Choosing single
event or interrupt alarm mode is selected via the IM bit. Note
that when the frequency output function is enabled, the
alarm function is disabled.
The standard alarm allows for alarms of time, date, day of
the week, month, and year. When a time alarm occurs in
single event mode, an IRQ pin will be pulled low and the
alarm status bit (ALM) will be set to “1”.
The pulsed interrupt mode allows for repetitive or recurring
alarm functionality. Hence, once the alarm is set, the device
will continue to alarm for each occurring match of the alarm
and present time. Thus, it will alarm as often as every minute
(if only the nth second is set) or as infrequently as once a
year (if at least the nth month is set). During pulsed interrupt
mode, the IRQ pin will be pulled low for 250ms and the alarm
status bit (ALM) will be set to “1”.
The ALM bit can be reset by the user or cleared
automatically using the auto reset mode (see ARST bit). The
alarm function can be enabled/disabled during battery
backup mode using the FOBATB bit. For more information
on the alarm, please see “ALARM Registers (10h to 15h)” on
page 16.
Frequency Output Mode
The ISL12021 has the option to provide a clock output signal
using the FOUT open drain output pin. The frequency output
mode is set by using the FO bits to select 15 possible output
frequency values from 1/32Hz to 32kHz. The frequency
output can be enabled/disabled during battery backup mode
using the FOBATB bit.
General Purpose User SRAM
The ISL12021 provides 128 bytes of user SRAM. The SRAM
will continue to operate in battery backup mode. However, it
should be noted that the I2C bus is disabled in battery
backup mode.
I2C Serial Interface
The ISL12021 has an I2C serial bus interface that provides
access to the control and status registers and the user
SRAM. The I2C serial interface is compatible with other
industry I2C serial bus protocols using a bi-directional data
signal (SDA) and a clock signal (SCL).
ISL12021


Số phần tương tự - ISL12021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12020 INTERSIL-ISL12020 Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020CBZ INTERSIL-ISL12020CBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020IBZ INTERSIL-ISL12020IBZ Datasheet
297Kb / 25P
   Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
More results

Mô tả tương tự - ISL12021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com