công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12020 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL12020
Giải thích chi tiết về linh kiện  Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL12020 Datasheet HTML 1Page - Intersil Corporation ISL12020 Datasheet HTML 2Page - Intersil Corporation ISL12020 Datasheet HTML 3Page - Intersil Corporation ISL12020 Datasheet HTML 4Page - Intersil Corporation ISL12020 Datasheet HTML 5Page - Intersil Corporation ISL12020 Datasheet HTML 6Page - Intersil Corporation ISL12020 Datasheet HTML 7Page - Intersil Corporation ISL12020 Datasheet HTML 8Page - Intersil Corporation ISL12020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
FN6450.0
March 29, 2007
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD, until
SDA enters the 30% to 70%
of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD.
20 + 0.1 x Cb
300
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD.
20 + 0.1 x Cb
300
ns
Cb
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by
tR and tF.
For Cb = 400pF, max is about
2~2.5k
Ω.
For Cb = 40pF, max is about
15~20k
Ω
1k
Ω
NOTES:
2. Temperature Conversion is inactive below 2.7V VBAT
3. IRQ/FOUT Inactive.
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz
5. VDD > VBAT +VBATHYS
6. Bit BSW = 0 (Standard Mode), VBAT ≥ 1.8V
7. Specified at +25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Parameter is not 100% tested.
10. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate specification.
I2C Interface Specifications
Test Conditions: VDD=+2.7 to +5.5V, Temperature = -20°C to +70°C, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 7)
MAX
UNITS
NOTES
ISL12020


Số phần tương tự - ISL12020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Mô tả tương tự - ISL12020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com