công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL14017 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL14017
Giải thích chi tiết về linh kiện  Low Jitter Clock Generators for Set-Top Box
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL14017 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL14017 Datasheet HTML 1Page - Intersil Corporation ISL14017 Datasheet HTML 2Page - Intersil Corporation ISL14017 Datasheet HTML 3Page - Intersil Corporation ISL14017 Datasheet HTML 4Page - Intersil Corporation ISL14017 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6407.1
April 16, 2007
Typical Performance Curves (Period Jitter)
FIGURE 1. STANDARD DEVIATION vs LOAD CAPACITANCE
20
25
30
35
40
45
50
55
60
65
70
04
8
10
12
14
LOAD CAPACITANCE (pF)
VSUPPLY = 3.3V
TEMPERATURE +23ºC
CK3
CK4
CK2
CK1
26
ISL14010, ISL14017


Số phần tương tự - ISL14017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL14017 RENESAS-ISL14017 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
ISL14017IRZ RENESAS-ISL14017IRZ Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
More results

Mô tả tương tự - ISL14017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL14011 RENESAS-ISL14011 Datasheet
383Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Jan 30, 2007
logo
Intersil Corporation
ISL14011 INTERSIL-ISL14011 Datasheet
117Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
logo
Renesas Technology Corp
ISL14010 RENESAS-ISL14010 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
   Set-top Box Clock Generator with VCXO
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
   Low-cost interactive set-top box decoder
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
   Low-cost interactive set-top box decoder
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com