công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28271 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL28271
Giải thích chi tiết về linh kiện  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28271 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL28271 Datasheet HTML 5Page - Intersil Corporation ISL28271 Datasheet HTML 6Page - Intersil Corporation ISL28271 Datasheet HTML 7Page - Intersil Corporation ISL28271 Datasheet HTML 8Page - Intersil Corporation ISL28271 Datasheet HTML 9Page - Intersil Corporation ISL28271 Datasheet HTML 10Page - Intersil Corporation ISL28271 Datasheet HTML 11Page - Intersil Corporation ISL28271 Datasheet HTML 12Page - Intersil Corporation ISL28271 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6390.0
December 8, 2006
FIGURE 31. ISL28271 VOUT HIGH vs TEMPERATURE RL =
100k, VS = ±2.5V
FIGURE 32. ISL28272 VOUT HIGH vs TEMPERATURE RL =
100k, VS = ±2.5V
FIGURE 33. ISL28271 VOUT LOW vs TEMPERATURE RL = 1k,
VS = ±2.5V
FIGURE 34. ISL28272 VOUT LOW vs TEMPERATURE RL =1k,
VS = ±2.5V
FIGURE 35. ISL28271 VOUT LOW vs TEMPERATURE
RL = 100k, VS = ±2.5V
FIGURE 36. ISL28272 VOUT LOW vs TEMPERATURE
RL = 100k, VS = ±2.5V
Typical Performance Curves (Continued)
4.9950
4.9955
4.9960
4.9965
4.9970
4.9975
4.9980
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 3000
MIN
MAX
MEDIAN
4.995
4.9955
4.996
4.9965
4.997
4.9975
4.998
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 3000
MIN
MAX
MEDIAN
90
100
110
120
130
140
150
160
170
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 3000
MIN
MAX
MEDIAN
120
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
80
90
100
110
120
130
140
150
160
170
180
n = 3000
MIN
MAX
MEDIAN
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
n = 3000
MIN
MAX
MEDIAN
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 3000
MIN
MAX
MEDIAN
ISL28271, ISL28272


Số phần tương tự - ISL28271

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28271 INTERSIL-ISL28271 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271FAZ INTERSIL-ISL28271FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271FAZ RENESAS-ISL28271FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Mô tả tương tự - ISL28271

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com