công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22349 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL22349
Giải thích chi tiết về linh kiện  Quad Digitally Controlled Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL22349 Datasheet HTML 4Page - Intersil Corporation ISL22349 Datasheet HTML 5Page - Intersil Corporation ISL22349 Datasheet HTML 6Page - Intersil Corporation ISL22349 Datasheet HTML 7Page - Intersil Corporation ISL22349 Datasheet HTML 8Page - Intersil Corporation ISL22349 Datasheet HTML 9Page - Intersil Corporation ISL22349 Datasheet HTML 10Page - Intersil Corporation ISL22349 Datasheet HTML 11Page - Intersil Corporation ISL22349 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6331.2
September 15, 2006
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte,
and a STOP condition. After each of the three bytes, the
ISL22349 responds with an ACK. At this time, the device
enters its standby state (See Figure 14). Device can receive
more than one byte of data by auto incrementing the
address after each received byte. Note after reaching the
address 08h, the internal pointer “rolls over” to address 00h.
The non-volatile write cycle starts after STOP condition is
determined and it requires up to 20ms delay for the next
non-volatile write. Thus, non-volatile registers must be
written individually.
Read Operation
A Read operation consist of a three byte instruction followed
by one or more Data Bytes (See Figure 15). The master
initiates the operation issuing the following sequence: a
START, the Identification byte with the R/W bit set to “0”, an
Address Byte, a second START, and a second Identification
byte with the R/W bit set to “1”. After each of the three bytes,
the ISL22349 responds with an ACK. Then the ISL22349
transmits Data Bytes as long as the master responds with an
ACK during the SCL cycle following the eighth bit of each
byte. The master terminates the read operation (issuing a
ACK and a STOP condition) following the last bit of the last
Data Byte (See Figure 15).
The Data Bytes are from the registers indicated by an
internal pointer. This pointer initial value is determined by the
Address Byte in the Read operation instruction, and
increments by one during transmission of each Data Byte.
After reaching the memory location 08h, the pointer “rolls
over” to 00h, and the device continues to output data for
each ACK received.
In order to read back the non-volatile IVR, it is recommended
that the application reads the ACR first to verify the WIP bit
is 0. If the WIP bit (ACR[5]) is not 0, the host should repeat
its reading sequence again.
S
T
A
R
T
S
T
O
P
IDENTIFICATION
BYTE
ADDRESS
BYTE
DATA
BYTE
A
C
K
SIGNALS FROM
THE MASTER
SIGNALS FROM
THE SLAVE
A
C
K
1
0
1
00
A
C
K
WRITE
SIGNAL AT SDA
00 0 0
A0
A1
A2
0
FIGURE 14. BYTE WRITE SEQUENCE
SIGNALS
FROM THE
MASTER
SIGNALS FROM
THE SLAVE
SIGNAL AT SDA
S
T
A
R
T
IDENTIFICATION
BYTE WITH
R/W = 0
ADDRESS
BYTE
A
C
K
A
C
K
10
1
00
S
T
O
P
A
C
K
1
1
1
00
IDENTIFICATION
BYTE WITH
R/W = 1
A
C
K
S
T
A
R
T
LAST READ
DATA BYTE
FIRST READ
DATA BYTE
A
C
K
0
00 0
A0
A1
A2
A0
A1
A2
FIGURE 15. READ SEQUENCE
A
C
K
ISL22349


Số phần tương tự - ISL22349

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22349 INTERSIL-ISL22349 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Mô tả tương tự - ISL22349

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com