công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL21007CFB825Z bảng dữ liệu(PDF) 1 Page - Intersil Corporation |
|
ISL21007CFB825Z bảng dữ liệu(HTML) 1 Page - Intersil Corporation |
1 / 14 page 1 ® FN6326.1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ISL21007 Precision, Low Noise FGA™ Voltage References The ISL21007 FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. The ISL21007 features very low noise (4µVP-P for 0.1Hz to 10Hz) and very low operating current (150µA, Max). In addition, the ISL21007 family features guaranteed initial accuracy as low as ±0.5mV. This combination of high initial accuracy, low drift, and low output noise performance of the ISL21007 enables versatile high performance control and data acquisition applications with low power consumption. Available Options Pinout ISL21007 (8 LD SOIC) TOP VIEW Features • Reference Output Voltage . . . . . . . . . . . . . . .1.25V, 2.50V • Initial Accuracy . . . . . . . . . . . . . . . . . . . . ±0.5mV (B grade) • Input Voltage Range: . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V • Low Output Voltage Noise . . . . . . 4µVP-P (0.1Hz to 10Hz) • Supply Current . . . . . . . . . . . . . . . . . . . . . . . .150µA (Max) • Temperature Coefficient . . . . . . . . . . . . 3ppm/°C (B grade) • Operating Temperature Range. . . . . . . . . -40°C to +125°C • Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC • Pb-Free Plus Anneal Available (RoHS Compliant) Applications • High Resolution A/Ds and D/As • Digital Meters • Bar Code Scanners • Basestations • Battery Management/Monitoring • Industrial/Instrumentation Equipment PART NUMBER VOUT OPTION (V) INITIAL ACCURACY (mV) TEMPCO. (ppm/°C) ISL21007BFB812Z 1.250 ±0.5 3 ISL21007CFB812Z 1.250 ±1.0 5 ISL21007DFB812Z 1.250 ±2.0 10 ISL21007BFB825Z 2.500 ±0.5 3 ISL21007CFB825Z 2.500 ±1.0 5 ISL21007DFB825Z 2.500 ±2.0 10 GND or NC VIN DNC GND 1 2 3 4 8 7 6 5 DNC DNC VOUT TRIM Data Sheet April 12, 2007 |
Số phần tương tự - ISL21007CFB825Z |
|
Mô tả tương tự - ISL21007CFB825Z |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |