công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24011IVZ bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL24011IVZ
Giải thích chi tiết về linh kiện  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011IVZ bảng dữ liệu(HTML) 9 Page - Intersil Corporation

  ISL24011IVZ Datasheet HTML 1Page - Intersil Corporation ISL24011IVZ Datasheet HTML 2Page - Intersil Corporation ISL24011IVZ Datasheet HTML 3Page - Intersil Corporation ISL24011IVZ Datasheet HTML 4Page - Intersil Corporation ISL24011IVZ Datasheet HTML 5Page - Intersil Corporation ISL24011IVZ Datasheet HTML 6Page - Intersil Corporation ISL24011IVZ Datasheet HTML 7Page - Intersil Corporation ISL24011IVZ Datasheet HTML 8Page - Intersil Corporation ISL24011IVZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6196.2
March 28, 2006
Thin Shrink Small Outline Plastic Packages (TSSOP)
α
INDEX
AREA
E1
D
N
12
3
-B-
0.10(0.004)
C A
M
BS
e
-A-
b
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
c
E
0.25(0.010)
B
M
M
L
0.25
0.010
GAUGE
PLANE
A2
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-153-AC, Issue E.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm
(0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.15mm (0.006 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable dambar
protrusion shall be 0.08mm (0.003 inch) total in excess of “b” dimen-
sion at maximum material condition. Minimum space between protru-
sion and adjacent lead is 0.07mm (0.0027 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact. (Angles in degrees)
0.05(0.002)
M20.173
20 LEAD THIN SHRINK SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.047
-
1.20
-
A1
0.002
0.006
0.05
0.15
-
A2
0.031
0.051
0.80
1.05
-
b
0.0075
0.0118
0.19
0.30
9
c
0.0035
0.0079
0.09
0.20
-
D
0.252
0.260
6.40
6.60
3
E1
0.169
0.177
4.30
4.50
4
e
0.026 BSC
0.65 BSC
-
E
0.246
0.256
6.25
6.50
-
L
0.0177
0.0295
0.45
0.75
6
N20
20
7
α
0o
8o
0o
8o
-
Rev. 1 6/98


Số phần tương tự - ISL24011IVZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24011IVZ INTERSIL-ISL24011IVZ Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ RENESAS-ISL24011IVZ Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ-T RENESAS-ISL24011IVZ-T Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results

Mô tả tương tự - ISL24011IVZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com