công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22326UFV14Z bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện ISL22326UFV14Z
Giải thích chi tiết về linh kiện  Dual Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326UFV14Z bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button ISL22326UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 12Page - Intersil Corporation ISL22326UFV14Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6176.0
July 17, 2006
When the device is powered down, the last value stored in
IVRi will be maintained in the non-volatile memory. When
power is restored, the contents of the IVRi are recalled and
loaded into the corresponding WRi to set the wipers to the
initial value.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of each DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by volatile
Wiper Register (WR). Each DCP has its own WR. When the
WR of a DCP contains all zeroes (WR[6:0]= 00h), its wiper
terminal (RW) is closest to its “Low” terminal (RL). When the
WR register of a DCP contains all ones (WR[6:0]= 7Fh), its
wiper terminal (RW) is closest to its “High” terminal (RH). As
the value of the WR increases from all zeroes (0) to all ones
(127 decimal), the wiper moves monotonically from the
position closest to RL to the closest to RH. At the same time,
the resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL22326 is being powered up, all WRs are reset
to 40h (64 decimal), which locates RW roughly at the center
between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, all WRs will be reload with the value stored in
corresponding non-volatile Initial Value Registers (IVRs).
The WRs can be read or written to directly using the I2C
serial interface as described in the following sections. The
I2C interface Address Byte has to be set to 00h or 01h to
access the WR of DCP0 or DCP1 respectively.
Memory Description
The ISL22326 contains seven non-volatile and three volatile
8-bit registers. Memory map of ISL22326 is on Table 1. The
two non-volatile registers (IVRi) at address 0 and 1, contain
initial wiper value and volatile registers (WRi) contain current
wiper position. In addition, five non-volatile General Purpose
registers from address 2 to address 6 are available.
The non-volatile IVRi and volatile WRi registers are
accessible with the same address.
The Access Control Register (ACR) contains information
and control bits described below in Table 2. The VOL bit at
access control register (ACR[7]) determines whether the
access is to wiper registers WRi or initial value registers
IVRi.
If VOL bit is 0, the non-volatile IVRi registers are accessible.
If VOL bit is 1, only the volatile WRi are accessible. Note,
value is written to IVRi register also is written to the
corresponding WRi. The default value of this bit is 0.
The SHDN bit (ACR[6]) disables or enables Shutdown
mode. This bit is logically OR’d with SHDN pin. When this bit
is 0, DCP is in Shutdown mode. Default value of SHDN bit
is 1.
The WIP bit (ACR[5]) is read only bit. It indicates that
non-volatile write operation is in progress. It is impossible to
write to the IVRi, WRi or ACR while WIP bit is 1.
I2C Serial Interface
The ISL22326 supports an I2C bidirectional bus oriented
protocol. The protocol defines any device that sends data
onto the bus as a transmitter and the receiving device as the
receiver. The device controlling the transfer is a master and
the device being controlled is the slave. The master always
initiates data transfers and provides the clock for both
transmit and receive operations. Therefore, the ISL22326
operates as a slave device in all applications.
All communication over the I2C interface is conducted by
sending the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line must change only during SCL
LOW periods. SDA state changes during SCL HIGH are
reserved for indicating START and STOP conditions (See
Figure 16). On power-up of the ISL22326 the SDA pin is in
the input mode.
All I2C interface operations must begin with a START
condition, which is a HIGH to LOW transition of SDA while
SCL is HIGH. The ISL22326 continuously monitors the SDA
and SCL lines for the START condition and does not
respond to any command until this condition is met (See
Figure 16). A START condition is ignored during the
power-up of the device.
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while
SCL is HIGH (See Figure 16). A STOP condition at the end
of a read operation, or at the end of a write operation places
the device in its standby mode.
TABLE 1. MEMORY MAP
ADDRESS
NON-VOLATILE
VOLATILE
8—
ACR
7
Reserved
6
5
4
3
2
General Purpose
General Purpose
General Purpose
General Purpose
General Purpose
Not Available
Not Available
Not Available
Not Available
Not Available
1
0
IVR1
IVR0
WR1
WR0
TABLE 2. ACCESS CONTROL REGISTER (ACR)
VOL
SHDN
WIP
00000
ISL22326


Số phần tương tự - ISL22326UFV14Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326UFV14Z RENESAS-ISL22326UFV14Z Datasheet
972Kb / 17P
   Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

Mô tả tương tự - ISL22326UFV14Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com