công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28156FHZ-T7 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL28156FHZ-T7
Giải thích chi tiết về linh kiện  39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28156FHZ-T7 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL28156FHZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28156FHZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6154.2
February 27, 2007
IO+
Short-Circuit Output Current
RL = 10Ω
28
23
31
mA
IO-
Short-Circuit Output Current
RL = 10Ω
24
18
26
mA
VSUPPLY
Supply Operating Range
Guaranteed by PSRR test
2.4
5
V
VENH
Enable Pin High Level
2
V
VENL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1
1.2
1.2
µA
IENL
Enable Pin Input Current
VEN = 0V
10
16
25
30
nA
tEN
Enable to output on-state delay time
(ISL28156)
Vout = 1V (enable state); VEN = High to
Low
10.8
µs
tEN
Enable to output off-state delay time
(ISL28156)
Vout = OV (disabled state) VEN = Low to
High
0.1
µs
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data guaranteed by
characterization (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs RL
FIGURE 2. GAIN vs FREQUENCY vs CL
FIGURE 3. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 4. GAIN vs FREQUENCY vs VS
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 1k
RL = 10k
RL = 100k
AV = 1
CL = 16.3pF
VOUT = 10mVPP
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
CL = 63.3pF
CL = 55.3pF
CL = 49.3pF
CL = 43.3pF
CL = 38.3pF
CL = 34.3pF
AV = 1
RL = 10k
VOUT = 10mVPP
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Rf = 1M, Rg = 1k, RL = 10k
Rf = 9.09, Rg = 1k, RL = INF
Rf = 0, Rg = INF, RL = 10k
RL = 10k
CL = 16.3pF
VOUT = 10mVPP
Rf = 100k, Rg = 1k, RL = 10k
1k
10k
100k
1M
100
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 2.4V
VS = 5V
AV = 1
RL = 10k
VOUT = 10mVPP
ISL28156, ISL28256


Số phần tương tự - ISL28156FHZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28156FHZ-T7 INTERSIL-ISL28156FHZ-T7 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156FHZ-T7 INTERSIL-ISL28156FHZ-T7 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28156FHZ-T7 RENESAS-ISL28156FHZ-T7 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
More results

Mô tả tương tự - ISL28156FHZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com