công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4070BC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện CD4070BC
Giải thích chi tiết về linh kiện  Quad 2-Input EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4070BC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  CD4070BC_02 Datasheet HTML 1Page - Fairchild Semiconductor CD4070BC_02 Datasheet HTML 2Page - Fairchild Semiconductor CD4070BC_02 Datasheet HTML 3Page - Fairchild Semiconductor CD4070BC_02 Datasheet HTML 4Page - Fairchild Semiconductor CD4070BC_02 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 3: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the
devices should be operated at these limits. The table of “Recommended Operating Conditions” and “Electrical Characteristics” provides conditions for actual
device operation.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5toV
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15 VDC
Input Voltage (VIN)0 to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V,
0.25
0.25
7.5
µA
Current
VIN = VDD or VSS
VDD = 10V,
0.5
0.5
15
VIN = VDD or VSS
VDD = 15V,
1.0
1.0
30
VIN = VDD or VSS
VOL
LOW Level
|IO| < 1 µA
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level
|IO| < 1 µA
Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 4.5V or 0.5V
1.5
1.5
1.5
V
VDD = 10V, VO = 9V or 1.0V
3.0
3.0
3.0
VDD = 15V, VO = 13.5V or 1.5V
4.0
4.0
4.0
VIH
HIGH Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
VDD = 10V, VO = 1V or 9.0V
7.0
7.0
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51
−0.88
−0.36
mA
Current
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Số phần tương tự - CD4070BC_02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4070BCM NSC-CD4070BCM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BCM FAIRCHILD-CD4070BCM Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
National Semiconductor ...
CD4070BCN NSC-CD4070BCN Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BCN FAIRCHILD-CD4070BCN Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
More results

Mô tả tương tự - CD4070BC_02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com