công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXR162601 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74VCXR162601
Giải thích chi tiết về linh kiện  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXR162601 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74VCXR162601 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXR162601 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table (Note 2)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= HIGH Impedance
Note 2: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA,
LEBA, CLKBA, and CLKENBA.
Note 3: Output level before the indicated steady-state input conditions
were established
Note 4: Output level before the indicated steady-state input conditions
were established, provided that CLKAB was HIGH before LEAB went LOW.
Logic Diagram
Pin Names
Description
OEAB, OEBA
Output Enable Inputs (Active LOW)
LEAB, LEBA
Latch Enable Inputs
CLKAB, CLKBA
Clock Inputs
CLKENAB, CLKENBA Clock Enable Inputs
A1–A18
Side A Inputs or 3-STATE Outputs
B1–B18
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
CLKENAB
OEAB
LEAB
CLKAB
An
Bn
XH
X
X
X
Z
XL
H
X
L
L
XL
H
X
H
H
HL
L
X
X
B0 (Note 3)
HL
L
X
X
B0 (Note 3)
LL
L
LL
LL
L
HH
LL
L
L
X
B0 (Note 3)
LL
L
H
X
B0 (Note 4)


Số phần tương tự - 74VCXR162601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCXR162601MTD FAIRCHILD-74VCXR162601MTD Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Mô tả tương tự - 74VCXR162601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162601 FAIRCHILD-74ALVC162601 Datasheet
94Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com