công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCXH162373MTX bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74VCXH162373MTX
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162373MTX bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74VCXH162373MTX Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500227
www.fairchildsemi.com
January 2000
Revised June 2005
74VCXH162373
Low Voltage 16-Bit Transparent Latch with Bushold
and 26
: Series Resistors in Outputs
General Description
The VCXH162373 contains sixteen non-inverting latches
with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. The flip-flops
appear to be transparent to the data when the Latch enable
(LE) is HIGH. When LE is LOW, the data that meets the
setup time is latched. Data appears on the bus when the
Output Enable (OE) is LOW. When OE is HIGH, the out-
puts are in a high impedance state.
The VCXH162373 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level.
The VCXH162373 is also designed with 26
: series resis-
tors in the outputs. This design reduces line noise in appli-
cations such as memory address driver, clock drivers and
bus transceivers/transmitters.
The 74VCXH162373 is designed for low voltage (1.4V to
3.6V) VCC applications with output compatibility up to 3.6V.
The 74VCXH162373 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant control inputs and outputs
s Bushold on data inputs eliminates the need for external
pull-up/pull-down resistors
s 26
: series resistors in outputs
s tPD (In to On)
3.3 ns max for 3.0V to 3.6V VCC
s Static Drive (IOH/IOL)
r12 mA @ 3.0V VCC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
Ordering Code:
Note 1: Use this Order Number to receive devices in Tape and Reel.
Logic Symbol
Pin Descriptions
Ordering Number
Package
Package Description
Number
74VCXH162373MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TUBES]
74VCXH162373MTX
(Note 1)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
I0–I15
Bushold Inputs
O0–O15
Outputs


Số phần tương tự - 74VCXH162373MTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXH162373MTX FAIRCHILD-74VCXH162373MTX Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
More results

Mô tả tương tự - 74VCXH162373MTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com