công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX162601 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện 74VCX162601
Giải thích chi tiết về linh kiện  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162601 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  74VCX162601 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX162601 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 9)
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL = 30 pF
3.3
± 0.3
250
MHz
2.5
± 0.2
200
1.8
± 0.15
100
CL = 15 pF
1.5
± 0.1
80
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
2.9
ns
Figures
1, 2
tPLH
B to A
2.5
± 0.2
1.0
3.5
1.8
± 0.15
1.5
7.0
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
14.0
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.8
ns
Figures
1, 2
tPLH
A to B
2.5
± 0.2
1.0
4.6
1.8
± 0.15
1.5
9.2
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
18.4
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
ns
Figures
1, 2
tPLH
Clock to A
2.5
± 0.2
1.0
4.4
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.4
ns
Figures
1, 2
tPLH
Clock to B
2.5
± 0.2
1.0
5.5
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.5
ns
Figures
1, 2
tPLH
LEBA to A
2.5
± 0.2
1.0
4.4
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures
7, 8
tPHL
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.4
ns
Figures
1, 2
tPLH
2.5
± 0.2
1.0
5.8
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures
7, 8
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.8
ns
Figures
1, 3, 4
tPZH
OEBA to A
2.5
± 0.2
1.0
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures
7, 8, 9,
10
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.3
ns
Figures
1, 3, 4
tPZH
OEAB to B
2.5
± 0.2
1.0
4.9
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures
7, 9, 10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
3.7
ns
Figures
1, 3, 4
tPHZ
OEBA to A
2.5
± 0.2
1.0
4.2
1.8
± 0.15
1.5
7.6
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
15.2
Figures
7, 8, 9,
10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.8
4.3
ns
Figures
1, 3, 4
tPHZ
OEBA to B
2.5
± 0.2
1.0
4.9
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
17.6
Figures
7, 9, 10


Số phần tương tự - 74VCX162601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74VCX162601MTD FAIRCHILD-74VCX162601MTD Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
More results

Mô tả tương tự - 74VCX162601

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVC162601 FAIRCHILD-74ALVC162601 Datasheet
94Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com