công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F1071MSAX_NL bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74F1071MSAX_NL
Giải thích chi tiết về linh kiện  18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1071MSAX_NL bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74F1071MSAX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74F1071MSAX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74F1071MSAX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74F1071MSAX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74F1071MSAX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74F1071MSAX_NL Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Voltage ratings may be exceeded if current ratings and junction
temperature and power consumption ratings are not exceeded.
Note 4: ESD Rating for Direct contact discharge using ESD Simulation
Tester. Higher rating may be realized in the actual application.
DC Electrical Characteristics
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
65qC to 125qC
Junction Temperature under Bias
65qC to 150qC
Input Voltage (Note 3)
0.5V to 6V
Input Current (Note 3)
200 mA to 50 mA
ESD (Note 4)
Human Body Model
(MIL-STD-883D method 3015.7)
r10 kV
IEC 801-2
r6 kV
Machine Model (EIAJIC-121-1981)
r2 kV
DC Latchup Source Current
(JEDEC Method 17)
r500 mA
Package Power Dissipation @
70qC
SOIC Package
800 mW
Free Air Ambient Temperature
0
qC to 70qC
Reverse Bias Voltage
0V to 5.25 VDC
Thermal Resistance (
TJA in Free Air)
SOIC Package
100
qC/W
SSOP Package
110
qC/W
Symbol
Parameter
TA 25qCTA 0qC to 70qC
Units
Conditions
Min
Typ
Max
Min
Max
IIH
Input HIGH Current
1.5
10
50
PA
VIN 5.25V; Untested Input @ GND
320
100
VIN 5.5V; Untested Input @ GND
VZ
Reverse Voltage
6.6
6.9
7.2
5.9
7.7
V
IZ 1 mA; Untested Inputs @ GND
7.1
7.5
8.0
IZ 50 mA; Untested Inputs @ GND
VF
Forward Voltage
0.3
0.6
0.9
0.3
0.9
V
IF 18 mA; Untested Inputs @ 5V
0.5
1.1
1.5
0.5
1.5
IF 200 mA; Untested Inputs @ 5V
ICT
Adjacent Input Crosstalk
3
%
CIN
Input Capacitance
25
pF
VBIAS 0 VDC
(small signal @ 1 MHz)
13
VBIAS 5 VDC


Số phần tương tự - 74F1071MSAX_NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F1071MSA FAIRCHILD-74F1071MSA Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
More results

Mô tả tương tự - 74F1071MSAX_NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071 Datasheet
91Kb / 6P
   18-Bit Undershoot/Overshoot Clamp
logo
Texas Instruments
TVS1800 TI1-TVS1800 Datasheet
1Mb / 18P
[Old version datasheet]   18-V Flat-Clamp Surge Protection Device
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Texas Instruments
TVS1801 TI1-TVS1801 Datasheet
367Kb / 15P
[Old version datasheet]   18-V Bidirectional Flat-Clamp Surge Protection Device
logo
ON Semiconductor
NSPM2052 ONSEMI-NSPM2052 Datasheet
373Kb / 8P
   ESD and Surge Protection Device
September, 2021 ??Rev. 3
NSP2201MR6 ONSEMI-NSP2201MR6 Datasheet
267Kb / 8P
   ESD and Surge Protection Device
July, 2019 ??Rev. 0
logo
Texas Instruments
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com