công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74F1071SC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
74F1071SC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 2) Recommended Operating Conditions Note 2: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 3: Voltage ratings may be exceeded if current ratings and junction temperature and power consumption ratings are not exceeded. Note 4: ESD Rating for Direct contact discharge using ESD Simulation Tester. Higher rating may be realized in the actual application. DC Electrical Characteristics Storage Temperature 65qC to 150qC Ambient Temperature under Bias 65qC to 125qC Junction Temperature under Bias 65qC to 150qC Input Voltage (Note 3) 0.5V to 6V Input Current (Note 3) 200 mA to 50 mA ESD (Note 4) Human Body Model (MIL-STD-883D method 3015.7) r10 kV IEC 801-2 r6 kV Machine Model (EIAJIC-121-1981) r2 kV DC Latchup Source Current (JEDEC Method 17) r500 mA Package Power Dissipation @ 70qC SOIC Package 800 mW Free Air Ambient Temperature 0 qC to 70qC Reverse Bias Voltage 0V to 5.25 VDC Thermal Resistance ( TJA in Free Air) SOIC Package 100 qC/W SSOP Package 110 qC/W Symbol Parameter TA 25qCTA 0qC to 70qC Units Conditions Min Typ Max Min Max IIH Input HIGH Current 1.5 10 50 PA VIN 5.25V; Untested Input @ GND 320 100 VIN 5.5V; Untested Input @ GND VZ Reverse Voltage 6.6 6.9 7.2 5.9 7.7 V IZ 1 mA; Untested Inputs @ GND 7.1 7.5 8.0 IZ 50 mA; Untested Inputs @ GND VF Forward Voltage 0.3 0.6 0.9 0.3 0.9 V IF 18 mA; Untested Inputs @ 5V 0.5 1.1 1.5 0.5 1.5 IF 200 mA; Untested Inputs @ 5V ICT Adjacent Input Crosstalk 3 % CIN Input Capacitance 25 pF VBIAS 0 VDC (small signal @ 1 MHz) 13 VBIAS 5 VDC |
Số phần tương tự - 74F1071SC |
|
Mô tả tương tự - 74F1071SC |