công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74F14SC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
74F14SC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics AC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +175°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to V CC 3-STATE Output −0.5V to +5.5V Current Applied to Output in LOW State (Max) twice the rated IOL (mA) ESD Last Passing Voltage (Min) 4000V Free Air Ambient Temperature 0 °C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VT+ Positive-Going Threshold 1.5 1.7 2.0 V 5.0V VT− Negative-Going Threshold 0.7 0.9 1.1 V 5.0V ∆V T Hysteresis (VT+–VT−) 0.4 0.8 V 5.0V VCD Input Clamp Diode Voltage −1.2 V Min IIN = −18 mA VOH Output HIGH 10% VCC 2.5 VMin IOH = −1 mA Voltage 5% VCC 2.7 IOH = −1 mA VOL Output LOW 10% VCC 0.5 V Min IOL = 20 mA Voltage IIH Input HIGH 5.0 µAMax VIN = 2.7V Current IBVI Input HIGH Current 7.0 µAMax VIN = 7.0V Breakdown Test ICEX Output HIGH 50 µAMax VOUT = VCC Leakage Current VID Input Leakage 4.75 V Max IID = 1.9 µA Test All Other Pins Grounded IOD Output Leakage 3.75 µA0.0 VIOD = 150 mV Circuit Current All Other Pins Grounded IIL Input LOW Current −0.6 mA Max VIN = 0.5V IOS Output Short-Circuit Current −60 −150 mA Max VOUT = 0V ICCH Power Supply Current 25 mA Max VO = HIGH ICCL Power Supply Current 25 mA Max VO = LOW Symbol Parameter TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C Units VCC = +5.0V VCC = +5.0V VCC = +5.0V CL = 50 pF CL = 50 pF CL = 50 pF Min Max Min Max Min Max tPLH Propagation Delay 4.0 10.5 4.0 13.0 4.0 11.5 ns tPHL In→O n 3.5 8.5 3.5 10.0 3.5 9.0 |
Số phần tương tự - 74F14SC |
|
Mô tả tương tự - 74F14SC |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |