công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29BDD160GB20DKK bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices

tên linh kiện AM29BDD160GB20DKK
Giải thích chi tiết về linh kiện  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB20DKK bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices

Back Button AM29BDD160GB20DKK Datasheet HTML 2Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 3Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GB20DKK Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
4
Am29BDD160G
June 7, 2006
All PPB Erase Command ....................................................... 43
DYB Write ............................................................................... 43
PPB Lock Bit Set .................................................................... 43
DYB Status ............................................................................. 43
PPB Status ............................................................................. 44
PPB Lock Bit Status ............................................................... 44
Non-volatile Protection Bit Program And Erase Flow ............. 44
Table 19. Memory Array Command Definitions (x32 Mode) ...........45
Table 20. Sector Protection Command Definitions (x32 Mode) ......46
Table 21. Memory Array Command Definitions (x16 Mode) ...........47
Table 22. Sector Protection Command Definitions (x16 Mode) ......48
DQ7: Data# Polling ................................................................. 49
RY/BY#: Ready/Busy# ........................................................... 49
Figure 6. Data# Polling Algorithm ................................................... 50
DQ6: Toggle Bit I .................................................................... 50
DQ2: Toggle Bit II ................................................................... 50
Reading Toggle Bits DQ6/DQ2 .............................................. 51
DQ5: Exceeded Timing Limits ................................................ 51
Figure 7. Toggle Bit Algorithm......................................................... 51
DQ3: Sector Erase Timer ....................................................... 52
Table 23. Write Operation Status ....................................................52
Figure 8. Maximum Negative Overshoot Waveform ....................... 53
Figure 9. Maximum Positive Overshoot Waveform......................... 53
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 10. I
CC1 Current vs. Time (Showing Active and Automatic Sleep
Currents) ......................................................................................... 55
Figure 11. Typical ICC1 vs. Frequency............................................. 55
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 12. Test Setup...................................................................... 56
Table 24. Test Specifications ..........................................................56
Key to Switching Waveforms . . . . . . . . . . . . . . . 56
Switching Waveforms . . . . . . . . . . . . . . . . . . . . . 56
Figure 13. Input Waveforms and Measurement Levels ................. 56
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 14. VCC and VIO Power-up Diagram ................................. 57
Figure 15. Conventional Read Operations Timings ....................... 60
Figure 16. Burst Mode Read (x32 Mode)....................................... 60
Figure 17. Asynchronous Command Write Timing ........................ 61
Figure 18. Synchronous Command Write/Read Timing................. 61
Figure 19. RESET# Timings .......................................................... 63
Figure 20. WP# Timing .................................................................. 63
Figure 21. Program Operation Timings.......................................... 65
Figure 22. Chip/Sector Erase Operation Timings .......................... 66
Figure 23. Back-to-back Cycle Timings ......................................... 66
Figure 24. Data# Polling Timings (During Embedded Algorithms). 67
Figure 25. Toggle Bit Timings (During Embedded Algorithms)...... 67
Figure 26. DQ2 vs. DQ6 for Erase and Erase Suspend Operations...
68
Figure 27. Synchronous Data Polling Timing/Toggle Bit Timings .. 68
Figure 28. Sector Protect/Unprotect Timing Diagram .................... 69
Figure 29. Alternate CE# Controlled Write Operation Timings ...... 71
Erase and Programming Performance . . . . . . . 72
Latchup Characteristics . . . . . . . . . . . . . . . . . . . 72
PQFP and Fortified BGA Pin Capacitance . . . . . 72
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 73
PQR080–80-Lead Plastic Quad Flat Package ....................... 73
LAA 080–80-ball Fortified Ball Grid Array (13 x 11 mm) ......... 74
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 75


Số phần tương tự - AM29BDD160GB20DKK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29BDD160GB54D AMD-AM29BDD160GB54D Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GB64C AMD-AM29BDD160GB64C Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GB65A AMD-AM29BDD160GB65A Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Mô tả tương tự - AM29BDD160GB20DKK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com