công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACTQ573SJ bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện 74ACTQ573SJ
Giải thích chi tiết về linh kiện  Quiet Series??Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ573SJ bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACTQ573SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ573SJ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ573, 74ACTQ573 Rev. 1.5
6
AC Electrical Characteristics for ACQ
Notes:
10. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V.
11. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements for ACQ
Note:
12. Voltage range 5.0 is 5.0V ± 0.5V. Voltage range 3.3 is 3.3V ± 0.3V.
Symbol
Parameter
VCC (V)
(10)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Dn to On
3.3
2.5
8.5
10.5
2.5
11.0
ns
5.0
1.5
5.5
7.0
1.5
7.5
tPLH, tPHL
Propagation Delay,
LE to On
3.3
2.5
8.5
12.0
2.5
12.5
ns
5.0
2.0
6.0
8.0
2.0
8.5
tPZL, tPZH
Output Enable Time
3.3
2.5
8.5
13.0
2.5
13.5
ns
5.0
1.5
6.0
8.5
1.5
9.0
tPHZ, tPLZ
Output Disable Time
3.3
1.0
9.0
14.5
1.0
15.0
ns
5.0
1.0
6.0
9.5
1.0
10.0
tOSHL, tOSLH Output to Output Skew,
Dn to On
(11)
3.3
1.0
1.5
1.5
ns
5.0
0.5
1.0
1.0
Symbol
Parameter
VCC (V)
(12)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to LE
3.3
0
3.0
3.0
ns
5.0
0
3.0
3.0
tH
Hold Time, HIGH or LOW,
Dn to LE
3.3
0
1.5
1.5
ns
5.0
0
1.5
1.5
tW
LE Pulse Width, HIGH
3.3
2.0
4.0
4.0
ns
5.0
2.0
4.0
4.0


Số phần tương tự - 74ACTQ573SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACTQ573SJ FAIRCHILD-74ACTQ573SJ Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ573SJX FAIRCHILD-74ACTQ573SJX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
More results

Mô tả tương tự - 74ACTQ573SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com