công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1458D bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện MC1458D
Giải thích chi tiết về linh kiện  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1458D bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  MC1458D Datasheet HTML 1Page - NXP Semiconductors MC1458D Datasheet HTML 2Page - NXP Semiconductors MC1458D Datasheet HTML 3Page - NXP Semiconductors MC1458D Datasheet HTML 4Page - NXP Semiconductors MC1458D Datasheet HTML 5Page - NXP Semiconductors MC1458D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
August 31, 1994
61
DC ELECTRICAL CHARACTERISTICS (Continued)
TA=25°C VCC=±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MC1458
SA1458
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Offset voltage
RS=10kΩ
2.0
6.0
2.0
6.0
mV
RS=10kΩ, over temp.
7.5
7.5
mV
∆VOS
Offset voltage
Over temperature
12
12
µV/°C
IOS
Offset current
20
200
20
200
nA
Over temperature
300
500
nA
∆IOS
Offset current
Over temperature
0.10
0.10
nA/
°C
IBIAS
Input bias current
80
500
80
500
nA
Over temperature
800
1500
nA
∆IBIAS
Bias current
Over temperature
1.0
1.0
nA/
°C
VOUT
Output voltage swing
RL=10kΩ, over temp.
±12
±14
±12
±14
V
VOUT
Output voltage swing
RL=2kΩ, over temp.
±10
±13
±10
±13
V
RL=2kΩ, VO=±10V
25
200
20
200
V/mV
AVOL
Large-signal voltage gain
RL=2kΩ, VO=±10V,
Over temperature
15
15
V/mV
Offset voltage adjustment range
±30
±30
mV
PSRR
Power supply rejection ratio
RS≤10kΩ
30
150
30
150
µV/V
CMRR
Common-mode rejection ratio
70
90
70
90
dB
ICC
Supply current
2.3
5.6
2.3
5.6
mA
VIN
Input voltage range
±12
±13
±12
±13
V
RIN
Input resistance
0.3
1
0.3
1
M
PD
Power consumption
70
170
70
170
mW
Channel separation
120
120
dB
ISC
Output short-circuit current
25
25
mA
AC ELECTRICAL CHARACTERISTICS
TA=25°C VS=±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MC1458, SA1458,
MC1558
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
RIN
Parallel input resistance
Open-loop, f=20Hz
0.3
M
Common-mode input impedance
f=20Hz
200
M
Equivalent input noise voltage
AV=100, RS=10kΩ, BW=1.0kHz, f=1.0kHz
30
nV
Hz
BW
Power bandwidth
AV=1, RL=2.0kΩ, THD≤5%, VOUT=20VP-P
14
kHz
Phase margin
65
degrees
AV
Gain margin
11
dB
Unity gain crossover frequency
Open loop
1.0
MHz
Transient response unity gain
VIN=20mV, RL=2kΩ, CL≤100pF
tR
Rise time
0.3
µs
Overshoot
5.0
%
SR
Slew rate
CL≤100pF, RL≥2kΩ, VIN=±10V
0.8
V/
µs


Số phần tương tự - MC1458D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC1458D ONSEMI-MC1458D Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
STMicroelectronics
MC1458D STMICROELECTRONICS-MC1458D Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458D TI-MC1458D Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI-MC1458D Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458D TI1-MC1458D Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - MC1458D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com