công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9949KCPZRL bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD9949KCPZRL
Giải thích chi tiết về linh kiện  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9949KCPZRL bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD9949KCPZRL Datasheet HTML 4Page - Analog Devices AD9949KCPZRL Datasheet HTML 5Page - Analog Devices AD9949KCPZRL Datasheet HTML 6Page - Analog Devices AD9949KCPZRL Datasheet HTML 7Page - Analog Devices AD9949KCPZRL Datasheet HTML 8Page - Analog Devices AD9949KCPZRL Datasheet HTML 9Page - Analog Devices AD9949KCPZRL Datasheet HTML 10Page - Analog Devices AD9949KCPZRL Datasheet HTML 11Page - Analog Devices AD9949KCPZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9949
Rev. B | Page 8 of 36
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus, every
code must have a finite width. No missing codes guaranteed to
12-bit resolution indicates that all 4096 codes, respectively, must
be present over all operating conditions.
Integral Nonlinearity (INL)
INL is the deviation of each individual code measured from a
true straight line from zero to full scale. The point used as zero
scale occurs 0.5 LSB before the first code transition. Positive full
scale is defined as a level 1 LSB and 0.5 LSB beyond the last
code transition. The deviation is measured from the middle of
each particular output code to the true straight line.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9949 from a straight line.
The point used as zero scale occurs 0.5 LSB before the first code
transition. Positive full scale is defined as a level 1 LSB and
0.5 LSB beyond the last code transition. The deviation is
measured from the middle of each particular output code to the
straight line reference. The error is then expressed as a
percentage of the 2 V ADC full-scale signal. The input signal is
appropriately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be con-
verted to an equivalent voltage, using the relationship
1 LSB = (ADC full scale/2n codes)
where n is the bit resolution of the ADC. For the AD9949,
1 LSB is approximately 0.488 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. The PSR specification is calculated from the change in the
data outputs for a given step change in the supply voltage.


Số phần tương tự - AD9949KCPZRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Mô tả tương tự - AD9949KCPZRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com