công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3302F bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện MC3302F
Giải thích chi tiết về linh kiện  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3302F bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button MC3302F Datasheet HTML 2Page - NXP Semiconductors MC3302F Datasheet HTML 3Page - NXP Semiconductors MC3302F Datasheet HTML 4Page - NXP Semiconductors MC3302F Datasheet HTML 5Page - NXP Semiconductors MC3302F Datasheet HTML 6Page - NXP Semiconductors MC3302F Datasheet HTML 7Page - NXP Semiconductors MC3302F Datasheet HTML 8Page - NXP Semiconductors MC3302F Datasheet HTML 9Page - NXP Semiconductors MC3302F Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
6
DC AND AC ELECTRICAL CHARACTERISTICS
V+=5VDC, LM139: –55°C ≤ TA ≤ 125°C; LM239/239A: –25°C ≤ TA ≤ 85°C; LM339/339A: 0°C ≤ TA ≤ 70°C; LM2901: –40°C ≤ TA ≤ 125°C,
MC3302: –40
°C ≤ TA ≤ 85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM2901
MC3302
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage2
TA=25°C
Over temp.
±2.0
±9
±7.0
±15
±3.0
±20
±40
mV
mV
VCM
Input common–mode voltage
range3
TA=25°C
Over temp.
0
0
V+–1.5
V+–2.0
0
0
V+–1.5
V+–2.0
V
VIDR
Differential input voltage1
Keep all
VINs≥0VDC
(or V– if need)
V+
V+
V
IBIAS
Input bias current4
IIN(+) or IIN(–) with output in
linear range
TA=25°C
Over temp.
25
200
250
500
25
500
1000
nA
nA
IIN(+)–IIN(–)
IOS
Input offset current
TA=25°C
±5
±50
±5
±100
nA
Over temp.
±50
±200
±300
nA
IOL
Output sink current
VIN(–)≥1VDC, VIN(+)=0,
VO≤1.5VDC,
TA=25°C
6.0
16
6
16
mA
VIN(+)≥1VDC, VIN(–)=0
VO=5VDC,
Output leakage current
TA=25°C
0.1
0.1
nA
VO=30VDC,
over temp.
1.0
1.0
µA
RL=∞ on all comparators,
.8
1.8
mA
ICC
Supply current
TA=25°C
0.8
2.0
RL=∞ on all comparators, V+=30V
1.0
2.5
mA
AV
Voltage gain
RL≥15kΩ,
V+=15VDC
25
100
2
100
V/mV
VOL
Saturation voltage
VIN(–)≥1VDC, VIN(+)=0,
ISINK≤4mA
TA=25°C
Over temp.
400
400
700
150
400
700
mV
mV
tLSR
Large–signal response time
VIN=TTL logic swing, VREF=1.4VDC,
VRL=5VDC, RL=5.1kΩ, TA=25°C
300
300
ns
tR
Response time5
VRL=5VDC, RL=5.1kΩ,
TA=25°C
1.3
1.3
µs
NOTES:
1. Positive excursions of input voltage may exceed the power supply level by 17V. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than –0.3VDC (or
0.3VDC below the magnitude of the negative power supply, if used).
2. At output switch point, VO ≈ 1.4VDC, RS=0Ω with V+ from 5VDC to 30VDC; and over the full input common–mode range (0VDC to
V+ – 1.5VDC). Inputs of unused comparators should be grounded.
3. The input common–mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of
the common–mode voltage range is V+ – 1.5V, but either or both inputs can go to 30VDC without damage.
4. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of
the output so no loading change exists on the reference or input lines.
5. The response time specified is for a 100mV input step with a 5mV overdrive. For larger overdrive signals, 300ns can be obtained (see typical
performance characteristics section).


Số phần tương tự - MC3302F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC3302 ONSEMI-MC3302 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
MC3302 ONSEMI-MC3302 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
logo
Microchip Technology
MC3302-BI/P MICROCHIP-MC3302-BI/P Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/SL MICROCHIP-MC3302-BI/SL Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/ST MICROCHIP-MC3302-BI/ST Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
More results

Mô tả tương tự - MC3302F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com