công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL400BB-120SC bảng dữ liệu(PDF) 3 Page - Advanced Micro Devices

tên linh kiện AM29DL400BB-120SC
Giải thích chi tiết về linh kiện  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400BB-120SC bảng dữ liệu(HTML) 3 Page - Advanced Micro Devices

  AM29DL400BB-120SC Datasheet HTML 1Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 2Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 3Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 4Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 5Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 6Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 7Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 8Page - Advanced Micro Devices AM29DL400BB-120SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21606
Rev: E Amendment/+4
Issue Date: June 7, 2005
Am29DL400B
4 Megabit (512 K x 8-Bit/256 K x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
Simultaneous Read/Write operations
— Host system can program or erase in one bank,
then immediately and simultaneously read
from the other bank
— Zero latency between read and write
operations
— Read-while-erase
— Read-while-program
Single power supply operation
— 2.7 to 3.6 volt read and write operations for
battery-powered applications
Manufactured on 0.32 µm process
technology
High performance
— Access times as fast as 70 ns
Low current consumption (typical
values at 5 MHz)
— 7 mA active read current
— 21 mA active read-while-program or read-
while-erase current
— 17 mA active program-while-erase-suspended
current
— 200 nA in standby mode
— 200 nA in automatic sleep mode
—Standard tCE chip enable access time applies to
transition from automatic sleep mode to active
mode
Flexible sector architecture
— Two 16 Kword, two 8 Kword, four 4 Kword, and
six 32 Kword sectors in word mode
— Two 32 Kbyte, two 16 Kbyte, four 8 Kbyte, and
six 64 Kbyte sectors in byte mode
— Any combination of sectors can be erased
— Supports full chip erase
Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
Sector protection
— Hardware method of locking a sector to
prevent any program or erase operation within
that sector
— Sectors can be locked in-system or via
programming equipment
— Temporary Sector Unprotect feature allows
code changes in previously locked sectors
Top or bottom boot block configurations
available
Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases sectors or entire chip
— Embedded Program algorithm automatically
programs and verifies data at specified address
■ Minimum 1 million program/erase cycles
guaranteed per sector
20-year data retention at 125° C
— Reliable operation for the life of the system
Package options
— 44-pin SO
— 48-pin TSOP
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
— Superior inadvertent write protection
Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or
erase cycle completion
Erase Suspend/Erase Resume
— Suspends or resumes erasing sectors to allow
reading and programming in other sectors
— No need to suspend if sector is in the other
bank
Hardware reset pin (RESET#)
— Hardware method of resetting the device to
reading array data
This product has been retired and is not recommended for designs. For new and current designs, S29AL004D supersedes Am29DL400B and is the factory-recommended migration path.
Please refer to the S29AL004D datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.


Số phần tương tự - AM29DL400BB-120SC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29DL400BB-120SC AMD-AM29DL400BB-120SC Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL400BB-120SCB AMD-AM29DL400BB-120SCB Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Mô tả tương tự - AM29DL400BB-120SC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com