công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV9306B bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
STV9306B bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 16 page 9/16 STV9306B Electrical Characteristics 2.5 I²C Bus Selection 2.5.1 Write Mode: Slave Address: 1000 1100 (8C) Data Subaddress Data B7 B6 B5 B4 B3 B2 B1 B0 B7 B6 B5 B4 B3 B2 B1 B0 0 0 0 X X X X 0 Vertical Amplitude X 1 0 0 1 X X X X 0 Sign Vertical Shift X X 1 0 1 0 X X X X 0 S. Correction Zoom Mode Subtitle 1 0 1 1 X X X X 0 Sign C. Correction Zoom Amplitude 1 1 0 0 X X X X 0 Horizontal Width Hshr X 1 1 0 1 X X X X 0 E/w Correction X X 1 1 1 0 X X X X 0 E/w Corner Correction Ext. Transistor X1 1 1 1 X X X X 0 Sign Trap. Correction HiZ X 1 B7 B6 B5 B4 B3 B2 B1 B0 Vertical Amplitude (V_SAW) 0 0 0 0 0 0 X 1 Min. Amplitude 1 1 1 1 1 1 X 1 Max. Amplitude Vertical Shift (V_SH) X 0 0 0 0 X X 1 Min. Shift Level X 1 1 11X X1 Max. Shift Level 1 X X X X X X 1 Positive Shift 0 X X X X X X 1 Negative Shift S Correction (V_SC) & Zoom Position 0 0 0 0 X X X 1 Min. S Correction 1 1 1 1 X X X 1 Max. S Correction X X X X 0 0 X 1 Normal Mode X X X X 0 1 X 1 Unzoom XX X X 1 X X 1 Zoom X X X X X X 0 1 Subtitle Disabled X X X X X X 1 1 Subtitle Enabled C Correction (V_CC) & Progressive Zoom (V_ZOOM) 1 X X X X X X 1 Positive C Correction 0 X X X X X X 1 Negative C Correction X 0 0 0 X X X 1 Min. C Correction X 1 1 1 X X X 1 Max. C Correction X X X X 0 0 0 1 Min. Zoom Magnitude X X X X 1 1 1 1 Max. Zoom Magnitude Horizontal Width Adjustment (EW_VDC) 0 0 0 0 0 X X 1 Hwidth Min. Level 1 1 1 1 1 X X 1 Hwidth Max. Level X X X X X 0 X 1 Hwidth Shrink Disabled X X X X X 1 X 1 Hwidth Shrink Enabled |
Số phần tương tự - STV9306B |
|
Mô tả tương tự - STV9306B |