công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37M81X bảng dữ liệu(PDF) 2 Page - SMSC Corporation

tên linh kiện FDC37M81X
Giải thích chi tiết về linh kiện  PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M81X bảng dữ liệu(HTML) 2 Page - SMSC Corporation

  FDC37M81X Datasheet HTML 1Page - SMSC Corporation FDC37M81X Datasheet HTML 2Page - SMSC Corporation FDC37M81X Datasheet HTML 3Page - SMSC Corporation FDC37M81X Datasheet HTML 4Page - SMSC Corporation FDC37M81X Datasheet HTML 5Page - SMSC Corporation FDC37M81X Datasheet HTML 6Page - SMSC Corporation FDC37M81X Datasheet HTML 7Page - SMSC Corporation FDC37M81X Datasheet HTML 8Page - SMSC Corporation FDC37M81X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 198 page
background image
2
Multi-Mode Parallel Port with ChiProtect
-
Standard Mode IBM PC/XT PC/AT,
and PS/2 Compatible Bidirectional
Parallel Port
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
Against Damage Due to Printer Power-
On
-
480 Address, Up to 15 IRQ and
Three DMA Options
ISA Host Interface
-
16 Bit Address Qualification
-
8 Bit Data Bus
-
IOCHRDY for ECP and IrCC
-
Three 8 Bit DMA Channels
-
Serial IRQ Interface Compatible with
Serialized IRQ Support for PCI Systems
-
PME Interface
100 Pin QFP Lead-free RoHS Compliant
Package
Order Number: FDC37M817-MS for 100 pin, QFP Lead-free RoHS Compliant Package
GENERAL DESCRIPTION
The
FDC37M81x*
with
IrDA
v1.0
support
incorporates a keyboard interface, SMSC's true
CMOS 765B floppy disk controller, advanced
digital data separator, two 16C550A compatible
UARTs, one Multi-Mode parallel port which
includes ChiProtect circuitry plus EPP and ECP,
on-chip 12 mA AT bus drivers, one floppy direct
drive support, and Intelligent Power Management
including PME support. The true CMOS 765B
core provides 100% compatibility with IBM
PC/XT and PC/AT architectures in addition to
providing data overflow and underflow protection.
The SMSC advanced digital data separator
incorporates SMSC's patented data separator
technology, allowing for ease of testing and use.
Both on-chip UARTs are compatible with the
NS16C550A. The parallel port is compatible with
IBM PC/AT architecture, as well as IEEE 1284
EPP and ECP. The FDC37M81x incorporates
sophisticated power control circuitry (PCC) which
includes support for keyboard, mouse, and
modem ring wake-up events. The PCC supports
multiple low power-down modes.
The FDC37M81x supports the ISA Plug-and-Play
Standard
(Version
1.0a)
and
provides
the
recommended functionality to support Windows
'95/’98.
The I/O Address, DMA Channel and
hardware IRQ of each logical device in the
FDC37M81x may be reprogrammed through the
internal configuration registers.
There are 480
I/O address location options, a Serialized IRQ
interface, and three DMA channels.
The FDC37M81x does not require any external
filter components and is therefore easy to use
and offers lower system costs and reduced board
area. The FDC37M81x is software and register
compatible with SMSC's proprietary 82077AA
core.
*The “x” in the part number is a designator that changes depending upon the particular BIOS used inside the specific
chip. “2” denotes AMI Keyboard BIOS and “7” denotes Phoenix 42i Keyboard BIOS.


Số phần tương tự - FDC37M81X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M812 SMSC-FDC37M812 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M817 SMSC-FDC37M817 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
More results

Mô tả tương tự - FDC37M81X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
National Semiconductor ...
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
   PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
   ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com