công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF1007 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện UF1007
Giải thích chi tiết về linh kiện  1.0A ULTRA-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1007 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  UF1007 Datasheet HTML 1Page - Diodes Incorporated UF1007 Datasheet HTML 2Page - Diodes Incorporated UF1007 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1001 - UF1007
1.0A ULTRA-FAST RECTIFIER
Features
Diffused Junction
Ultra-Fast Switching for High Efficiency
Low Reverse Leakage Current
Surge Overload Rating to 30A Peak
IEC 61000-4-2 (ESD - 150pF/330
Ω)
UF1001 – UF1003: Contact: discharge - ±15kV
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
Case: DO-41
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Marking: Type Number
Ordering Information: See Page
Weight: 0.35 grams (approximate)
DO-41
Dim
Min
Max
A
25.40
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
UF
1001
UF
1002
UF
1003
UF
1004
UF
1005
UF
1006
UF
1007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 55°C
(Note 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
5.0
100
μA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Total Capacitance (Note 2)
CT
20
10
pF
Typical Thermal Resistance Junction to Ambient
RθJA
95
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
5. Short duration pulse test used to minimize self-heating effect.
DS25002 Rev. 11 - 2
1 of 3
www.diodes.com
UF1001 – UF1007
© Diodes Incorporated
SPICE MODELS: UF1001 UF1002 UF1003 UF1004 UF1005 UF1006 UF1007


Số phần tương tự - UF1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
UF1007 DIODES-UF1007 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
Fuji Electric
UF1007 FUJI-UF1007 Datasheet
759Kb / 1P
   1 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Compact Technology Corp...
UF1007 CTC-UF1007 Datasheet
41Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF1007 GULFSEMI-UF1007 Datasheet
151Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
EIC discrete Semiconduc...
UF1007 EIC-UF1007 Datasheet
54Kb / 2P
   ULTRA FAST RECTIFIER DIODE
More results

Mô tả tương tự - UF1007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
UF1001 DIODES-UF1001_15 Datasheet
426Kb / 3P
   1.0A ULTRA-FAST RECTIFIER
UF1001 DIODES-UF1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
   1.0A Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF101 TAITRON-TUF101 Datasheet
136Kb / 4P
   1.0A Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
   1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
   1.0A Axial Leaded Ultra-Fast Rectifier
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com