công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37C665GT bảng dữ liệu(PDF) 1 Page - SMSC Corporation

tên linh kiện FDC37C665GT
Giải thích chi tiết về linh kiện  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665GT bảng dữ liệu(HTML) 1 Page - SMSC Corporation

  FDC37C665GT Datasheet HTML 1Page - SMSC Corporation FDC37C665GT Datasheet HTML 2Page - SMSC Corporation FDC37C665GT Datasheet HTML 3Page - SMSC Corporation FDC37C665GT Datasheet HTML 4Page - SMSC Corporation FDC37C665GT Datasheet HTML 5Page - SMSC Corporation FDC37C665GT Datasheet HTML 6Page - SMSC Corporation FDC37C665GT Datasheet HTML 7Page - SMSC Corporation FDC37C665GT Datasheet HTML 8Page - SMSC Corporation FDC37C665GT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
FDC37C665GT
FDC37C666GT
High-Performance Multi-Mode
Parallel Port Super I/O Floppy Disk Controllers
FEATURES
5 Volt Operation
Floppy Disk Available on Parallel Port Pins
2.88MB Super I/O Floppy Disk Controller
- Licensed CMOS 765B Floppy Disk
Controller
- Software and Register Compatible to the
82077AA Using SMSC's Proprietary
Floppy Disk Controller Core
- Supports Vertical Recording Format
- 100% IBM® Compatibility
- Detects All Overrun and Underrun
Conditions
- 48 mA Drivers and Schmitt Trigger
Inputs
- DMA Enable Logic
- Data Rate and Drive Control Registers
- Swap Drives A and B
- Non-Burst Mode DMA Option
- FDC Primary/Secondary Address
Selection
- 16 Byte Data FIFO
- Low Power CMOS 0.8
µ Design
Enhanced Digital Data Separator
- Low Cost Implementation - 24 MHz
Crystal
- No Filter Components Required
- Ease of Test and Use, Lower System
Cost, and Reduced Board Area
- 1 Mb/s, 500 Kb/s, 300 Kb/s, 250 Kb/s
Data Rates
- Supports Floppy Disk and Tape Drives
- Programmable Precompensation Modes
Multi-Mode Parallel Port with ChiProtect
Circuitry
- Standard Mode
- IBM PC/XT®, PC/AT®, and PS/2
Compatible Bidirectional Parallel
Port
- Enhanced Mode
- Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
- High Speed Mode
- Microsoft and Hewlett Packard
Extended Capabilities Port (ECP) IEEE
1284 Compliant
- Incorporates ChiProtect Circuitry for
Protection Against Damage Due to
Printer Power-On
- Provides Backdrive Current Protection
- 24 mA Output Drivers
- Two Parallel Port Interrupt Pins
Serial Ports
- Two High Speed NS16C550 Compatible
UARTs with Send/Receive 16 Byte
FIFOs
- MIDI Compatible
- Programmable Baud Rate Generator
- Modem Control Circuitry
ISA Host Interface
IDE Interface
- On-Chip Decode and Select Logic
Compatible with IBM PC/XT and PC/AT
Embedded Hard Disk Drives
- IDE Primary/Secondary Address
Selection


Số phần tương tự - FDC37C665GT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Mô tả tương tự - FDC37C665GT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com