công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37B72X bảng dữ liệu(PDF) 1 Page - SMSC Corporation

tên linh kiện FDC37B72X
Giải thích chi tiết về linh kiện  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X bảng dữ liệu(HTML) 1 Page - SMSC Corporation

  FDC37B72X_07 Datasheet HTML 1Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 2Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 3Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 4Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 5Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 6Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 7Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 8Page - SMSC Corporation FDC37B72X_07 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 238 page
background image
FDC37B72x
128 Pin Enhanced Super I/O Controller with
ACPI Support
FEATURES
5 Volt Operation
PC98/99 and ACPI 1.0 Compliant
Battery Back-up for Wake-Events
ISA Host Interface
ISA Plug-and-Play Compatible Register
Set
-
12 IRQ Options
-
15 Serial IRQ Options
-
16 Bit Address Qualification
-
Four DMA Options
-
12mA AT Bus Drivers
BIOS Buffer
20 GPI/O Pins
32 kHz Standby Clock Output
Soft Power Management
ACPI/PME Support
SCI/SMI Support
-
Watchdog timer
-
Power Button Override Event
-
Either Edge Triggered Interrupts
Intelligent Auto Power Management
-
Shadowed Write-only Registers
-
Programmable Wake-up Event
Interface
8042 Keyboard Controller
-
2K Program ROM
-
256 Bytes Data RAM
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling
Access
-
8 Bit Timer/Counter
-
Port 92 Support
-
Fast Gate A20 and Hardware Keyboard
Reset
2.88MB Super I/O Floppy Disk Controller
-
Relocatable to 480 Different Addresses
-
Licensed CMOS 765B Floppy Disk
Controller
-
Advanced Digital Data Separator
-
SMSC's Proprietary 82077AA
Compatible Core
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power Consumption
-
Supports Two Floppy Drives Directly
-
Software Write Protect
-
FDC on Parallel Port
-
Low Power CMOS Design
-
Supports Vertical Recording Format
-
16 Byte Data FIFO
-
100% IBM
® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
24mA Drivers and Schmitt Trigger Inputs
Enhanced FDC Digital Data Separator
-
Low Cost Implementation
-
No Filter Components Required
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation Modes
Serial Ports
-
Relocatable to 480 Different Addresses


Số phần tương tự - FDC37B72X_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Mô tả tương tự - FDC37B72X_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com