công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3310 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CA3310
Giải thích chi tiết về linh kiện  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CA3310_01 Datasheet HTML 1Page - Intersil Corporation CA3310_01 Datasheet HTML 2Page - Intersil Corporation CA3310_01 Datasheet HTML 3Page - Intersil Corporation CA3310_01 Datasheet HTML 4Page - Intersil Corporation CA3310_01 Datasheet HTML 5Page - Intersil Corporation CA3310_01 Datasheet HTML 6Page - Intersil Corporation CA3310_01 Datasheet HTML 7Page - Intersil Corporation CA3310_01 Datasheet HTML 8Page - Intersil Corporation CA3310_01 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
File Number
3095.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
CA3310, CA3310A
CMOS, 10-Bit, A/D Converters with
Internal Track and Hold
The Intersil CA3310 is a fast, low power, 10-bit successive
approximation analog-to-digital converter, with
microprocessor-compatible outputs. It uses only a single 3V
to 6V supply and typically draws just 3mA when operating at
5V. It can accept full rail-to-rail input signals, and features a
built-in track and hold. The track and hold will follow high
bandwidth input signals, as it has only a 100ns (typical) input
time constant.
The ten data outputs feature full high-speed CMOS three-
state bus driver capability, and are latched and held through
a full conversion cycle. Separate 8 MSB and 2 LSB enables,
a data ready flag, and conversion start and ready reset
inputs complete the microprocessor interface.
An internal, adjustable clock is provided and is available as
an output. The clock may also be driven from an external
source.
Features
• CMOS Low Power (Typ) . . . . . . . . . . . . . . . . . . . . . 15mW
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . 3V to 6V
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
µs
• Built-In Track and Hold
• Rail-to-Rail Input Range
• Latched Three-state Output Drivers
• Microprocessor-Compatible Control Lines
• Internal or External Clock
Applications
• Fast, No-Droop, Sample and Hold
• Voice Grade Digital Audio
• DSP Modems
• Remote Low Power Data Acquisition Systems
µP Controlled Systems
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Pinout
CA3310, CA3310A
(PDIP, SOIC)
TOP VIEW
Part Number Information
PART
NUMBER
LINEARITY
(INL, DNL)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA3310E
±0.75 LSB
-40 to 85
24 Ld PDIP
E24.6
CA3310M
±0.75 LSB
-40 to 85
24 Ld SOIC
M24.3
CA3310AM
±0.5 LSB
-40 to 85
24 Ld SOIC
M24.3
1
2
3
4
5
6
7
8
9
10
11
12
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9 (MSB)
DRDY
VSS (GND)
16
17
18
19
20
21
22
23
24
15
14
13
VDD
VREF+
REXT
CLK
STRT
VAA+
OEL
OEM
DRST
VIN
VREF-
VAA-
Data Sheet
May 2001
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
conta
ct our
Techn
ical Su
pport
Cente
r at
1-888-
INTER
SIL or
www.
inters
il.com
/tsc


Số phần tương tự - CA3310_01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3310A INTERSIL-CA3310A Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AD INTERSIL-CA3310AD Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AE INTERSIL-CA3310AE Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310AM INTERSIL-CA3310AM Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
CA3310D INTERSIL-CA3310D Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
More results

Mô tả tương tự - CA3310_01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com