công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431QPKG3 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
TL431QPKG3 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 61 page TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operation From −40°C to 125°C D Reference Voltage Tolerance at 25°C − 0.5% ...B Grade − 1% ...A Grade − 2% . . . Standard Grade D Typical Temperature Drift (TL431B) − 6 mV (C Temp) − 14 mV (I Temp, Q Temp) D Low Output Noise D 0.2-Ω Typical Output Impedance D Sink-Current Capability ...1 mA to 100 mA D Adjustable Output Voltage ...Vref to 36 V 1 2 3 4 8 7 6 5 CATHODE ANODE ANODE NC REF ANODE ANODE NC TL431, TL431A, TL431B ...D (SOIC) PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 CATHODE NC NC NC REF NC ANODE NC TL431, TL431A, TL431B ...P (PDIP), PS (SOP), OR PW (TSSOP) PACKAGE (TOP VIEW) NC − No internal connection TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC † CATHODE ANODE REF TL431, TL431A, TL431B ...PK (SOT-89) PACKAGE (TOP VIEW) REF ANODE CATHODE † Pin 2 is attached to Substrate and must be connected to ANODE or left open. NC − No internal connection TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC ANODE NC REF CATHODE NC − No internal connection TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE (TOP VIEW) TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 REF CATHODE ANODE 1 2 3 CATHODE REF ANODE TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE (TOP VIEW) REF ANODE CATHODE Copyright 2005, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerFLEX is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TL431QPKG3 |
|
Mô tả tương tự - TL431QPKG3 |