công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP07CDE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OP07CDE4
Giải thích chi tiết về linh kiện  PRECISION OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OP07CDE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  OP07CDE4 Datasheet HTML 1Page - Texas Instruments OP07CDE4 Datasheet HTML 2Page - Texas Instruments OP07CDE4 Datasheet HTML 3Page - Texas Instruments OP07CDE4 Datasheet HTML 4Page - Texas Instruments OP07CDE4 Datasheet HTML 5Page - Texas Instruments OP07CDE4 Datasheet HTML 6Page - Texas Instruments OP07CDE4 Datasheet HTML 7Page - Texas Instruments OP07CDE4 Datasheet HTML 8Page - Texas Instruments OP07CDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OP07C, OP07D
PRECISION OPERATIONAL AMPLIFIERS
SLOS099E − OCTOBER 1983 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Noise
D No External Components Required
D Replace Chopper Amplifiers at a Lower
Cost
D Wide Input-Voltage Range
...0 to
±14 V Typ
D Wide Supply-Voltage Range
...
±3 V to ±18 V
description/ordering information
These devices offer low offset and long-term stability by means of a low-noise, chopperless,
bipolar-input-transistor amplifier circuit. For most applications, external components are not required for offset
nulling and frequency compensation. The true differential input, with a wide input-voltage range and outstanding
common-mode rejection, provides maximum flexibility and performance in high-noise environments and in
noninverting applications. Low bias currents and extremely high input impedances are maintained over the
entire temperature range. The OP07 is unsurpassed for low-noise, high-accuracy amplification of very-low-level
signals.
These devices are characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
OP07CP
OP07CP
PDIP (P)
Tube of 50
OP07DP
OP07DP
0
°C to 70°C
Tube of 75
OP07CD
OP07C
0
°C to 70°C
SOIC (D)
Reel of 2500
OP07CDR
OP07C
SOIC (D)
Tube of 75
OP07DD
OP07D
Reel of 2500
OP07DDR
OP07D
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
symbol
OUT
+
OFFSET N2
IN−
IN+
OFFSET N1
1
3
2
8
6
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC−
OFFSET N2
VCC+
OUT
NC
D OR P PACKAGE
(TOP VIEW)
NC − No internal connection
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - OP07CDE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OP07CDE4 TI1-OP07CDE4 Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
OP07CDE4 TI1-OP07CDE4 Datasheet
922Kb / 21P
[Old version datasheet]   Precision Operational Amplifie
OP07CDE4 TI-OP07CDE4 Datasheet
1Mb / 22P
[Old version datasheet]   OP07x Precision Operational Amplifiers
OP07
More results

Mô tả tương tự - OP07CDE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
   Precision, Micropower Operational Amplifiers
REV. C
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
   BiMOS Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com