công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3487N bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MC3487N
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MC3487N bảng dữ liệu(HTML) 4 Page - Texas Instruments

  MC3487N Datasheet HTML 1Page - Texas Instruments MC3487N Datasheet HTML 2Page - Texas Instruments MC3487N Datasheet HTML 3Page - Texas Instruments MC3487N Datasheet HTML 4Page - Texas Instruments MC3487N Datasheet HTML 5Page - Texas Instruments MC3487N Datasheet HTML 6Page - Texas Instruments MC3487N Datasheet HTML 7Page - Texas Instruments MC3487N Datasheet HTML 8Page - Texas Instruments MC3487N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC3487
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS098C − MAY 1980 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
V
VOH
High-level output voltage
VIL = 0.8 V,
VIH = 2 V,
IOH = −20 mA
2.5
V
VOL
Low-level output voltage
VIL = 0.8 V,
VIH = 2 V,
IOL = 48 mA
0.5
V
|VOD|
Differential output voltage
RL = 100 Ω,
See Figure 1
2
∆|VOD|
Change in magnitude of
RL = 100 Ω,
See Figure 1
±0.4
V
∆|VOD|
Change in magnitude of
differential output voltage†
RL = 100 Ω,
See Figure 1
±0.4
V
VOC
Common-mode output voltage‡
RL = 100 Ω,
See Figure 1
3
V
∆|VOC|
Change in magnitude of
RL = 100 Ω,
See Figure 1
±0.4
V
∆|VOC|
Change in magnitude of
common-mode output voltage†
RL = 100 Ω,
See Figure 1
±0.4
V
IO
Output current with power off
VCC = 0
VO = 6 V
100
A
IO
Output current with power off
VCC = 0
VO = −0.25 V
−100
µA
IOZ
High-impedance-state output current
Output enables at 0.8 V
VO = 2.7 V
100
A
IOZ
High-impedance-state output current
Output enables at 0.8 V
VO = 0.5 V
−100
µA
II
Input current at maximum input
voltage
VI = 5.5 V
100
µA
IIH
High-level input current
VI = 2.7 V
50
µA
IIL
Low-level input current
VI = 0.5 V
−400
µA
IOS
Short-circuit output current §
VI = 2 V
−40
−140
mA
ICC
Supply current (all drivers)
Outputs disabled
105
mA
ICC
Supply current (all drivers)
Outputs enabled,
No load
85
mA
† ∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
‡ In ANSI Standard TIA/EIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
§ Only one output at a time should be shorted, and duration of the short circuit should not exceed one second.
switching characteristics over recommended operating free-air temperature range, VCC = 5 V
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 15 pF,
See Figure 2
20
ns
tPHL
Propagation delay time, high- to low-level output
CL = 15 pF,
See Figure 2
20
ns
tsk
Skew time
CL = 15 pF,
See Figure 2
6
ns
tt(OD)
Differential-output transition time
CL = 15 pF,
See Figure 3
20
ns
tPZH
Output enable time to high level
CL = 50 pF,
See Figure 4
30
ns
tPZL
Output enable time to low level
CL = 50 pF,
See Figure 4
30
ns
tPHZ
Output disable time from high level
CL = 50 pF,
See Figure 4
25
ns
tPLZ
Output disable time from low level
CL = 50 pF,
See Figure 4
30
ns


Số phần tương tự - MC3487N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3487N TI-MC3487N Datasheet
100Kb / 6P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487N TI-MC3487N Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487NE4 TI-MC3487NE4 Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487NSR TI-MC3487NSR Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487NSRE4 TI-MC3487NSRE4 Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Mô tả tương tự - MC3487N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com